Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7481 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 21Page - Renesas Technology Corp 7481 Datasheet HTML 22Page - Renesas Technology Corp 7481 Datasheet HTML 23Page - Renesas Technology Corp 7481 Datasheet HTML 24Page - Renesas Technology Corp 7481 Datasheet HTML 25Page - Renesas Technology Corp 7481 Datasheet HTML 26Page - Renesas Technology Corp 7481 Datasheet HTML 27Page - Renesas Technology Corp 7481 Datasheet HTML 28Page - Renesas Technology Corp 7481 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
24
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 17 Block diagram of timer X and timer Y
PWM generating circuit
D
T
Q
Programmable one-shot
output circuit
T
Q
Q
S
Programmable waveform
generation mode
Pulse output
mode
CNTR0 edge
selection bit
“1”
“0”
Programmable
one-shot
output mode
PWM mode
CNTR0 edge
selection bit
Timer X (low-order) latch Timer X (high-order) latch
Timer X (high-order)
Timer X (low-order)
Edge detecting circuit
Timer X stop control bit
Timer X count source
selection bit
Pulse width measurement mode
Pulse cycle measurement mode
CNTR0 edge
selection bit
“001”
“100”
“101”
“110”
Timer X
operating mode bits
Programmable one-shot
output mode
PWM mode
Output level latch
P30/INT0
P40/CNTR0
P40 direction
register
P40
latch
f(XIN)/2
f(XIN)/8
f(XIN)/16
“1”
“0”
“1”
“0”
INT0 interrupt
request
Timer X
interrupt request
Pulse output mode
D
T
Q
Programmable one-shot
output circuit
T
Q
Q
S
Programmable waveform
generation mode
Pulse output
mode
CNTR1 edge
selection bit
“1”
“0”
Programmable
one-shot
output mode
PWM mode
CNTR1 edge
selection bit
Edge detecting circuit
Timer Y count source
selection bit
“001”
“100”
“101”
“110”
Timer Y
operating mode bits
Programmable one-shot
output mode
PWM mode
Output level latch
P31/INT1
P41/CNTR1
P41 direction
register
P41
latch
f(XIN)/2
f(XIN)/8
f(XIN)/16
“1”
“0”
Pulse output mode
Data bus
“1”
“0”
Programmable waveform generation mode
Timer X trigger selection bit
Timer Y stop control bit
D
T
Q
“1”
“0”
Programmable waveform generation mode
Timer Y trigger selection bit
CNTR1 edge
selection bit
“1”
“0”
“1”
“0”
INT0 edge selection bit
“1”
“0”
INT1 edge selection bit
Pulse width measurement mode
Pulse cycle measurement mode
PWM generating circuit
Timer Y (low-order) latch Timer Y (high-order) latch
Timer Y (high-order)
Timer Y (low-order)
CNTR0 interrupt
request
INT1 interrupt
request
Timer Y
interrupt request
CNTR1
interrupt
request
D
T
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com