Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7481 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 41Page - Renesas Technology Corp 7481 Datasheet HTML 42Page - Renesas Technology Corp 7481 Datasheet HTML 43Page - Renesas Technology Corp 7481 Datasheet HTML 44Page - Renesas Technology Corp 7481 Datasheet HTML 45Page - Renesas Technology Corp 7481 Datasheet HTML 46Page - Renesas Technology Corp 7481 Datasheet HTML 47Page - Renesas Technology Corp 7481 Datasheet HTML 48Page - Renesas Technology Corp 7481 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
44
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Reset Circuit
The microcomputer is put into a reset status by holding the
_____
RESET pin at the “L” level for 2
µs or more when the power source
voltage is 2.7 to 5.5 V and XIN is in stable oscillation.
_____
After that, this reset status is released by returning the RESET pin
to the “H” level. The program starts from the address having the
contents of address FFFF16 as high-order address and the con-
tents of address FFFE16 as low-order address.
Note that the reset input voltage should be 0.32 V or less when
the power source voltage passes 2.7 V.
Fig. 47 Reset circuit diagram
Fig. 48 Reset sequence
RESET
VCC
RESET
VCC
Power source
voltage
0V
Reset input
voltage
0V
0.12VCC
Power ON
(Note)
Note : Reset release voltage VCC = 2.7 V
Power source
voltage
detecting circuit
?
??
?
FFFE16
FFFF16
ADH,L
??
?
?
ADL
ADH
XIN
φ
RESET
Internal reset
Address
Data
SYNC
XIN 2048 clock cycle
Reset address from
the vector table
Notes 1 : The frequency relation between f(X IN) and
is f(XIN)=2·f( ).
2 : The mark “?” means that the address is changeable depending
on the previous state.
φφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com