Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2216 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV2216 Datasheet HTML 7Page - STMicroelectronics STV2216 Datasheet HTML 8Page - STMicroelectronics STV2216 Datasheet HTML 9Page - STMicroelectronics STV2216 Datasheet HTML 10Page - STMicroelectronics STV2216 Datasheet HTML 11Page - STMicroelectronics STV2216 Datasheet HTML 12Page - STMicroelectronics STV2216 Datasheet HTML 13Page - STMicroelectronics STV2216 Datasheet HTML 14Page - STMicroelectronics STV2216 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC, unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RGB OUTPUTS (Pins 27-28-29) (continued)
∆VCTR
Variation of Black Level with Contrast
100
mV
∆VSAT
Variation of Black Level with Saturation
50
mV
∆VREL
Relative Variation in Black Level
between the three Channels
- during Variation of Contrast(10dB)
- during Variation of Brightness (
± 0.5V)
- during Variation of VCC (
± 10%)
Drive Max.
10
10
5
mV
mV
mV
∆VTemp
Black Level Thermal Drift
1
mV/
oC
Track
Tracking between Luminance and
Chrominance Signals
From Max. contrast (0dB)
to -10dB contrast
2dB
Bwidth
Bandwith of Output Signals at -3dB
- CVBS Input (no SVHS)
- CVBS Input (no SVHS)
- Y Input SVHS Mode
- RGB Inputs
fOSC = 3.58MHz, Sharp Typ.
fOSC = 4.43MHz, Sharp Typ.
No trap Filter, Sharp Typ.
2.5
2.7
6
8
3.1
3.7
8
MHz
MHz
MHz
MHz
S/N
Signal to Noise Ratio of
Output (VPP/VRMS)
Signal on Y/CVBS Input
No signal on R-Y, B-Y inputs
Contrast Max., Drive Max.,
Saturation Typ., Sharp Typ.,
Bandwidth 5MHz, SVHS mode
50
dB
Res
Residual Frequency
at 2 fOSC and Higher Harmonics
PAL/NTSC
10
50
mVPP
FILTERS TUNING VOLTAGE
VTUN1
Tuning Voltage Range (Pin 8)
3.2 to
4.8
V
EXTERNAL CRYSTAL SELECTION (Pin 9)
VLOW9
Low Level Voltage
No load
0.02
0.1
V
ILOW9
Low Level Current (input current)
Low level voltage on Pin 9
70
100
µA
VHIGH9
High Level Voltage
No load
3.0
3.5
4.0
V
IHIGH9
High Level Current (output current)
High level voltage on Pin 9
70
100
µA
Y DELAY LINE
td1p
td2p
Delay Time PAL 4.43MHz
SVHS mode
CVBS mode
330
380
370
420
410
460
ns
ns
td1n
td2n
Delay Time NTSC 3.58MHz
SVHS mode
CVBS mode
370
435
410
475
450
515
ns
ns
SHARPNESS CIRCUIT
fSharp
Center Frequency
SVHS mode
2.5
MHz
GSharp
Gain Variation from Min. to Max. Sharp
at fSharp
6dB
Overshoot
Amplitude Variation compared to B/W
2T pulse, Sharp Max., CVBS
150
%
Pre-shoot
Amplitude Variation compared to B/W
2T pulse, Sharp Max., CVBS
-25
%
After-shoot
Amplitude Variation compared to B/W
2T pulse, Sharp Max., CVBS
-60
%
Coring
Coring Range compared to B/W
10
%
Y TRAP FILTER
fTrap
Trap Frequency
PAL/NTSC
-0.2
fOSC
+0.2
MHz
QTrap
Trap Quality Factor
(Q=1/(fo/f-3dB - f-3dB/fo))
Sharpness Min.
2.5
-
CRejPN
Color Subcarrier Rejection
PAL mode, Sharpness Min.
NTSC mode, Sharpness Min.
18
18
dB
dB
STV2216
11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com