Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2216 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV2216 Datasheet HTML 10Page - STMicroelectronics STV2216 Datasheet HTML 11Page - STMicroelectronics STV2216 Datasheet HTML 12Page - STMicroelectronics STV2216 Datasheet HTML 13Page - STMicroelectronics STV2216 Datasheet HTML 14Page - STMicroelectronics STV2216 Datasheet HTML 15Page - STMicroelectronics STV2216 Datasheet HTML 16Page - STMicroelectronics STV2216 Datasheet HTML 17Page - STMicroelectronics STV2216 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
HORIZONTAL OUTPUT (Pin 36)
TW36
Output Pulse Width
Normal operation
26
28
30
µs
V Low36
Voltage Output Low
R pull-up = 1k
1.1
V
VCC Start
VCC Start Level
Voltage on Pin 42
6.7
7.2
V
VCC Stop
VCC Stop Level : hysteresis
Voltage on Pin 42, VCCstart -VCCstop
0.60
V
I36 Max.
Maximum Allowed Output Current
10
mA
V36 Max.
Maximum Allowed Output Voltage
(open collector)
12
V
Tss
Output Pulse Duty Cycle in soft-start
mode (Thigh/(Thigh + Tlow))
VCC2 = 9V, VCC1 < 6.8V
(VCC1 rising)
78
%
VERTICAL OUTPUT (Pin 35)
TW35
Output Pulse Width
10.5
Lines
VLow35
Low Level Output Voltage 4/3
Low Level Ouput Voltage 16/9
XXXX0XXX (bin) in Reg. 0Ehex
XXXX1XXX (bin) in Reg. 0Ehex
1.5
2
0.1
2.5
0.5
V
V
FR35
Locking Range
248
352
Lines
fFR-50
Free Frequency (no Video Signal)
50Hz or Auto Mode
314
Lines
fFR-60
Free Frequency (no Video Signal)
60Hz Mode
264
Lines
VHIGH35
High Level Range
(vertical position control)
XXXXX000(bin) in Reg. 0Dhex
XXXXX111(bin) in Reg. 0Dhex
3.45
5.6
3.8
6.3
4.2
7.0
V
V
Isink
Output Sinking Current
4/3
16/9
0.2
0.5
mA
mA
VERTICAL AMPLITUDE CONTROL (Pin 34)
V34R
Output Voltage Range
XX000000(bin) in Reg. 0Chex
XX111111(bin) in Reg. 0Chex
1.0
5.4
1.2
6.2
1.5
6.9
V
V
XRAY INPUT (Pin 19)
Vth19
Protection Threshol Voltage
At Pin 19
1.15
1.3
1.45
V
VHold-19
Hold Voltage
At Pin 42
3
V
VOLUME CONTROL AND MUTE (Pin 10)
VR10
Output Voltage Range
(volume control)
XX000000(bin) in Reg. 0Fhex
XX111111(bin) in Reg. 0Fhex
0.3
4.2
0.5
4.75
0.7
5.3
V
V
MUT
Output Voltage when MUTE
XXXXXXX1(bin) in Reg. 10hex
0.02
0.1
V
SWITCH SELECTION (Pin 11)
VTV/NEG
Output Voltage in TV Mode
VCC = 9V
0.1
0.7
V
VScart/Neg
Output Voltage in External Mode
(open collector mode)
VCC = 9V
7.88
9
V
RTV/Neg
Output Resistance in TV Mode
200
RScart/Neg
Output Resistance in External Mode
(pull-up resistor to VCC)
18
k
I
2C BUS INPUTS (Pins 6-7)
VTH6-7
Threshold Voltage
1.5
2.25
3
V
CL6-7
Capacitance of each Pin
5
10
pF
ILeak6-7
Leakage Current
Write Mode,
0 level on SDA or SCL
10
µA
STV2216
14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com