Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2216 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV2216 Datasheet HTML 18Page - STMicroelectronics STV2216 Datasheet HTML 19Page - STMicroelectronics STV2216 Datasheet HTML 20Page - STMicroelectronics STV2216 Datasheet HTML 21Page - STMicroelectronics STV2216 Datasheet HTML 22Page - STMicroelectronics STV2216 Datasheet HTML 23Page - STMicroelectronics STV2216 Datasheet HTML 24Page - STMicroelectronics STV2216 Datasheet HTML 25Page - STMicroelectronics STV2216 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
10nF
10nF
100nF
100nF
220nF
1
µF
33nF
22nF
22nF
22nF
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
26
27
28
29
30
36
37
38
40
11
12
13
14
15
21
22
23
24
31
32
33
34
35
25
39
41
42
33nF
100nF
503kHz
100nF
470
µF
16V
9V
100nF
470
µF
16V
9V
470
Ω
470
Ω
470
Ω
100
Ω
100
Ω
47pF
100
Ω
47pF
100nF
6.8nF
1k
Ω
9V
TO
DEFLECTION
STAGES
TO
CRT
AMPLIFIERS
75
Ω
Y/CVBS
Input 1V
PP
1k
Ω
10nF
CHROMA
INPUT
(S-VHS)
75
Ω
I2C BUS
TO STV8223
47k
Ω
4.7
µF
220k
Ω
Pin 22
1N4148
12k
Ω
4.7nF
2.2
µF
50V
Pin 42
1N4148
560
Ω
9V
1N4148
S
T
V
2
2
1
6
FROM
HORIZONTAL
STAGE
LFB (Heater)
10k
Ω
SDA
SCL
VOL
SWI
FROM
OSD
+
TXT
3.9k
Ω
OBLK
(oversize
blanking)
GND2
CXTL2
CXTL1
CLPF
V
CC2
BYO
RYO
BYI
ACC
SDA
SCL
FTUN1
RYI
LFB/SC
HOUT
VOUT
VAMP
SLPF
SXTL
BCL
ICAT
ECS
VOL
SWI
BOSD
GOSD
ROSD
FBOSD
N.C.
RO
GO
BO
ACCO
BSC
XRAY
CR
CB
CG
Y/CVBS
GND1
CHR/SVHS
V
CC1
2.2k
Ω
100nF
12V
2k
Ω
1%
2.74k
Ω
1%
Pin 42
27k
Ω
47nF
3.579545MHz
10k
Ω
2.2k
Ω
10
µF
50V
10
Ω
1N4148
3.9k
Ω
3.9k
Ω
2.2k
Ω
APPLICATION DIAGRAM : 3.58MHz NTSC ONLY APPLICATION
STV2216
23/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com