Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2216 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV2216 Datasheet HTML 18Page - STMicroelectronics STV2216 Datasheet HTML 19Page - STMicroelectronics STV2216 Datasheet HTML 20Page - STMicroelectronics STV2216 Datasheet HTML 21Page - STMicroelectronics STV2216 Datasheet HTML 22Page - STMicroelectronics STV2216 Datasheet HTML 23Page - STMicroelectronics STV2216 Datasheet HTML 24Page - STMicroelectronics STV2216 Datasheet HTML 25Page - STMicroelectronics STV2216 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
10nF
10nF
10nF
10nF
100nF
100nF
220nF
1
µF
33nF
22nF
22nF
22nF
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
26
27
28
29
30
36
37
38
40
11
12
13
14
15
21
22
23
24
31
32
33
34
35
25
39
41
42
X1
33nF
100nF
503kHz
100nF
470
µF
16V
9V
100nF
470
µF
16V
9V
470
470
470
100
100
47pF
100
47pF
100nF
6.8nF
1k
9V
TO
DEFLECTION
STAGES
TO
CRT
AMPLIFIERS
75
Y/CVBS
Input 1V
PP
1k
10nF
CHROMA
INPUT
(S-VHS)
75
I2C BUS
TO STV8223
47k
4.7
µF
220k
Pin 22
1N4148
12k
4.7nF
2.2
µF
50V
Pin 42
1
2
3
4
5
6
78
9
10
11
12
13
14
100nF
100nF
4.02k
1%
1nF
47
µF
16V
10
9V
4.7nF
15k
1
µF
1N4148
560
8.2k
9V
2.2k
1N4148
S
T
V
2
2
1
6
S
T
V
2
1
8
0
FROM
HORIZONTAL
STAGE
LFB (Heater)
10k
SDA
SCL
VOL
SWI
390
1k
FROM
OSD
+
TXT
3.9k
3.9k
3.9k
2.2k
390
390
OBLK
(oversize
blanking)
GND2
CXTL2
CXTL1
CLPF
V
CC2
BYO
RYO
BYI
ACC
SDA
SCL
FTUN1
RYI
LFB/SC
HOUT
VOUT
VAMP
SLPF
SXTL
BCL
ICAT
ECS
VOL
SWI
BOSD
GOSD
ROSD
FBOSD
N.C.
RO
GO
BO
ACCO
BSC
XRAY
CR
CB
CG
Y/CVBS
GND1
CHR/SVHS
V
CC1
2.2k
100nF
12V
2k
1%
2.74k
1%
1N4148
10
10
µF
50V
X2
Pin 42
10k
BC547
1nF
18k
180k
Pin 42
Pin 42
27k
47nF
X3
Pin 42
10k
BC547
Pin 42
10k
BC547
18k
1nF
X1 : PAL N - 3582056Hz
X2 : NTSC - 3579545Hz
X3 : PAL M - 3575611Hz
APPLICATION DIAGRAM : PAL/NTSC 3XTALS APPLICATION
STV2216
22/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com