Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSG2001 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 2Page - Renesas Technology Corp HSG2001 Datasheet HTML 3Page - Renesas Technology Corp HSG2001 Datasheet HTML 4Page - Renesas Technology Corp HSG2001 Datasheet HTML 5Page - Renesas Technology Corp HSG2001 Datasheet HTML 6Page - Renesas Technology Corp HSG2001 Datasheet HTML 7Page - Renesas Technology Corp HSG2001 Datasheet HTML 8Page - Renesas Technology Corp HSG2001 Datasheet HTML 9Page - Renesas Technology Corp HSG2001 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 6 of 24
Noise Parameter
(VCE = 3 V, IC = 1 mA )(VCE = 3 V, IC = 2 mA )
NF min
Zs opt
NF min
Zs opt
f (GHz)
(dB)
MAG(-) ANG(deg) Rn/50 (-)
f (GHz)
(dB)
MAG(-)
ANG(deg)
Rn/50 (-)
0.80
0.90
0.643
91.8
0.263
0.80
0.80
0.526
94.3
0.149
0.90
0.93
0.644
100.2
0.247
0.90
0.83
0.533
102.9
0.143
1.00
0.96
0.646
108.1
0.229
1.00
0.87
0.541
111.0
0.136
1.50
1.20
0.678
140.4
0.141
1.50
1.05
0.595
143.5
0.090
1.80
1.38
0.707
155.0
0.093
1.80
1.18
0.633
157.8
0.064
1.90
1.45
0.718
159.2
0.080
1.90
1.23
0.647
161.8
0.057
2.40
1.84
0.768
176.6
0.037
2.40
1.47
0.710
178.4
0.035
2.90
2.33
0.800
-169.8
0.057
2.90
1.75
0.758
-168.7
0.047
(VCE = 3 V, IC = 3 mA )(VCE = 3 V, IC = 5 mA )
NF min
Zs opt
NF min
Zs opt
f (GHz)
(dB)
MAG(-) ANG(deg) Rn/50 (-)
f (GHz)
(dB)
MAG(-)
ANG(deg)
Rn/50 (-)
0.80
0.72
0.448
97.3
0.112
0.80
0.73
0.348
105.7
0.084
0.90
0.75
0.460
106.0
0.108
0.90
0.76
0.364
113.8
0.081
1.00
0.79
0.471
114.0
0.103
1.00
0.78
0.380
121.3
0.079
1.50
0.95
0.537
146.3
0.072
1.50
0.90
0.467
151.4
0.059
1.80
1.06
0.581
160.2
0.055
1.80
0.98
0.521
164.4
0.048
1.90
1.09
0.596
164.2
0.050
1.90
1.01
0.539
168.1
0.045
2.40
1.28
0.672
-179.8
0.034
2.40
1.15
0.623
-177.2
0.035
2.90
1.47
0.744
-167.1
0.042
2.90
1.30
0.693
-166.0
0.043
(VCE = 3 V, IC = 7 mA )(VCE = 3 V, IC = 10 mA )
NF min
Zs opt
NF min
Zs opt
f (GHz)
(dB)
MAG(-) ANG(deg) Rn/50 (-)
f (GHz)
(dB)
MAG(-)
ANG(deg)
Rn/50 (-)
0.80
0.77
0.292
115.8
0.072
0.80
0.83
0.249
132.3
0.064
0.90
0.78
0.311
123.0
0.071
0.90
0.83
0.271
137.8
0.063
1.00
0.80
0.330
129.8
0.068
1.00
0.83
0.293
143.0
0.061
1.50
0.88
0.428
156.8
0.054
1.50
0.88
0.397
164.4
0.051
1.80
0.94
0.486
168.5
0.045
1.80
0.93
0.455
174.1
0.045
1.90
0.96
0.505
171.8
0.043
1.90
0.95
0.473
176.9
0.044
2.40
1.08
0.595
-174.8
0.037
2.40
1.06
0.559
-171.3
0.041
2.90
1.23
0.671
-164.6
0.042
2.90
1.21
0.634
-162.0
0.048
(VCE = 3 V, IC = 20 mA )(VCE = 3 V, IC = 30 mA )
NF min
Zs opt
NF min
Zs opt
f (GHz)
(dB)
MAG(-) ANG(deg) Rn/50 (-)
f (GHz)
(dB)
MAG(-)
ANG(deg)
Rn/50 (-)
0.80
0.95
0.288
167.4
0.055
0.80
1.11
0.354
179.3
0.054
0.90
0.95
0.302
169.5
0.054
0.90
1.10
0.362
-179.1
0.054
1.00
0.95
0.316
171.5
0.054
1.00
1.10
0.370
-177.6
0.054
1.50
0.99
0.393
-178.7
0.050
1.50
1.09
0.424
-170.2
0.053
1.80
1.02
0.441
-173.1
0.048
1.80
1.11
0.461
-166.0
0.053
1.90
1.03
0.457
-171.3
0.048
1.90
1.11
0.474
-164.6
0.054
2.40
1.11
0.534
-163.3
0.049
2.40
1.17
0.539
-158.0
0.058
2.90
1.21
0.599
-156.9
0.057
2.90
1.27
0.596
-152.0
0.069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com