Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSG2001 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 8Page - Renesas Technology Corp HSG2001 Datasheet HTML 9Page - Renesas Technology Corp HSG2001 Datasheet HTML 10Page - Renesas Technology Corp HSG2001 Datasheet HTML 11Page - Renesas Technology Corp HSG2001 Datasheet HTML 12Page - Renesas Technology Corp HSG2001 Datasheet HTML 13Page - Renesas Technology Corp HSG2001 Datasheet HTML 14Page - Renesas Technology Corp HSG2001 Datasheet HTML 15Page - Renesas Technology Corp HSG2001 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 12 of 24
S parameter
(VCE = 3 V, IC = 5 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.898
-29.3
14.63
160.4
0.0246
80.5
0.961
-18.9
200
0.872
-56.3
13.41
144.4
0.0492
56.9
0.864
-35.1
300
0.831
-79.3
11.86
131.1
0.0640
48.7
0.760
-48.4
400
0.806
-98.2
10.39
120.3
0.0741
39.4
0.659
-59.2
500
0.786
-113.2
9.07
111.8
0.0795
33.9
0.576
-67.8
600
0.770
-125.2
7.92
104.8
0.0852
29.3
0.511
-75.4
700
0.759
-135.0
6.99
98.9
0.0868
26.1
0.457
-81.5
800
0.751
-143.4
6.23
93.9
0.0895
22.3
0.416
-87.5
900
0.745
-150.2
5.60
89.8
0.0910
20.6
0.381
-92.5
1000
0.741
-156.2
5.07
86.0
0.0917
18.2
0.353
-97.4
1100
0.740
-161.6
4.62
82.5
0.0912
17.3
0.329
-101.5
1200
0.739
-166.3
4.25
79.4
0.0924
15.9
0.308
-105.8
1300
0.738
-170.5
3.92
76.4
0.0924
14.5
0.292
-110.0
1400
0.738
-174.4
3.64
73.7
0.0925
14.0
0.279
-113.7
1500
0.739
-178.0
3.40
71.1
0.0917
13.2
0.268
-117.7
1600
0.739
178.6
3.19
68.5
0.0921
12.7
0.259
-121.4
1700
0.740
175.5
3.00
66.2
0.0918
11.7
0.253
-124.8
1800
0.743
172.7
2.83
63.8
0.0922
11.8
0.246
-128.2
1900
0.745
169.8
2.68
61.4
0.0913
11.4
0.242
-131.5
2000
0.747
167.2
2.54
59.3
0.0919
11.3
0.238
-134.9
2100
0.749
164.6
2.42
57.1
0.0911
11.3
0.235
-138.0
2200
0.752
162.3
2.30
54.9
0.0919
11.2
0.234
-141.1
2300
0.755
160.0
2.20
52.9
0.0917
11.2
0.234
-143.8
2400
0.756
157.8
2.10
50.7
0.0907
11.2
0.235
-146.7
2500
0.759
155.6
2.01
48.8
0.0918
11.6
0.235
-149.3
2600
0.763
153.5
1.94
46.8
0.0914
11.6
0.235
-151.9
2700
0.766
151.6
1.86
44.9
0.0905
11.3
0.237
-154.4
2800
0.769
149.6
1.79
42.9
0.0919
12.3
0.239
-157.1
2900
0.770
147.8
1.72
41.0
0.0916
12.3
0.242
-159.9
3000
0.772
146.0
1.66
39.1
0.0916
12.6
0.246
-162.1
3100
0.778
144.3
1.61
37.2
0.0917
13.3
0.250
-164.1
3200
0.780
142.5
1.55
35.4
0.0920
13.2
0.254
-166.4
3300
0.783
140.8
1.50
33.6
0.0932
13.8
0.257
-168.3
3400
0.786
139.1
1.45
31.8
0.0928
14.1
0.261
-170.4
3500
0.788
137.6
1.41
30.1
0.0929
14.2
0.264
-172.4
3600
0.788
135.9
1.36
28.3
0.0942
14.7
0.268
-174.8
3700
0.790
134.6
1.32
26.7
0.0945
15.4
0.273
-176.6
3800
0.791
133.1
1.28
25.1
0.0960
16.6
0.278
-178.1
3900
0.796
131.8
1.25
23.5
0.0967
16.8
0.284
-179.5
4000
0.798
130.4
1.21
21.9
0.0982
17.3
0.290
178.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com