Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSG2001 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 12Page - Renesas Technology Corp HSG2001 Datasheet HTML 13Page - Renesas Technology Corp HSG2001 Datasheet HTML 14Page - Renesas Technology Corp HSG2001 Datasheet HTML 15Page - Renesas Technology Corp HSG2001 Datasheet HTML 16Page - Renesas Technology Corp HSG2001 Datasheet HTML 17Page - Renesas Technology Corp HSG2001 Datasheet HTML 18Page - Renesas Technology Corp HSG2001 Datasheet HTML 19Page - Renesas Technology Corp HSG2001 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 16 of 24
S parameter
(VCE = 3 V, IC = 40 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.585
-99.5
58.96
132.6
0.0166
70.9
0.738
-66.0
200
0.641
-135.6
37.50
111.3
0.0216
42.6
0.543
-100.6
300
0.656
-152.3
26.24
101.1
0.0254
45.6
0.465
-121.2
400
0.666
-161.8
19.90
94.5
0.0293
45.5
0.432
-134.9
500
0.670
-168.3
15.93
90.0
0.0303
47.2
0.414
-144.9
600
0.673
-173.4
13.19
86.5
0.0343
49.5
0.407
-152.7
700
0.676
-177.4
11.25
83.5
0.0372
50.9
0.401
-158.7
800
0.679
179.1
9.78
81.0
0.0406
51.2
0.400
-163.6
900
0.681
176.1
8.65
78.7
0.0448
52.6
0.399
-167.8
1000
0.683
173.2
7.75
76.7
0.0479
51.9
0.399
-171.5
1100
0.685
170.6
7.01
74.7
0.0515
53.7
0.398
-175.0
1200
0.688
168.2
6.40
72.9
0.0545
52.2
0.399
-178.3
1300
0.689
166.0
5.88
71.0
0.0579
52.7
0.401
179.0
1400
0.692
163.8
5.45
69.3
0.0619
53.0
0.403
176.4
1500
0.693
161.8
5.07
67.6
0.0650
52.7
0.405
174.0
1600
0.697
159.6
4.74
65.9
0.0682
52.2
0.407
171.7
1700
0.700
157.8
4.45
64.3
0.0716
51.4
0.409
169.7
1800
0.703
156.1
4.19
62.6
0.0752
51.1
0.411
167.7
1900
0.705
154.3
3.96
61.0
0.0782
50.7
0.414
165.9
2000
0.708
152.5
3.75
59.4
0.0817
50.0
0.416
163.8
2100
0.710
150.6
3.57
57.8
0.0847
49.4
0.419
162.0
2200
0.714
149.1
3.40
56.3
0.0886
48.5
0.423
160.3
2300
0.718
147.4
3.24
54.8
0.0913
47.7
0.426
158.9
2400
0.719
145.9
3.10
53.1
0.0941
47.4
0.429
157.4
2500
0.722
144.2
2.97
51.6
0.0982
46.3
0.432
156.0
2600
0.726
142.7
2.85
50.1
0.1002
45.4
0.434
154.2
2700
0.729
141.3
2.73
48.6
0.1033
44.9
0.436
152.8
2800
0.733
139.7
2.64
47.1
0.1065
43.8
0.441
151.2
2900
0.735
138.3
2.53
45.6
0.1087
42.6
0.445
149.7
3000
0.737
136.9
2.44
44.1
0.1118
42.3
0.449
148.5
3100
0.742
135.5
2.36
42.7
0.1138
41.4
0.452
147.3
3200
0.744
134.1
2.28
41.2
0.1170
40.5
0.456
146.0
3300
0.747
132.8
2.21
39.8
0.1195
39.6
0.458
144.7
3400
0.751
131.3
2.14
38.3
0.1220
38.9
0.461
143.2
3500
0.753
130.1
2.07
37.0
0.1242
38.0
0.463
142.0
3600
0.753
128.6
2.00
35.4
0.1265
37.3
0.467
140.4
3700
0.755
127.6
1.94
34.3
0.1292
36.7
0.469
139.2
3800
0.756
126.3
1.89
33.0
0.1326
36.3
0.472
138.2
3900
0.760
125.2
1.84
31.7
0.1349
35.3
0.474
137.3
4000
0.762
124.1
1.79
30.3
0.1379
34.3
0.478
136.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com