Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSG2001 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 14Page - Renesas Technology Corp HSG2001 Datasheet HTML 15Page - Renesas Technology Corp HSG2001 Datasheet HTML 16Page - Renesas Technology Corp HSG2001 Datasheet HTML 17Page - Renesas Technology Corp HSG2001 Datasheet HTML 18Page - Renesas Technology Corp HSG2001 Datasheet HTML 19Page - Renesas Technology Corp HSG2001 Datasheet HTML 20Page - Renesas Technology Corp HSG2001 Datasheet HTML 21Page - Renesas Technology Corp HSG2001 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 18 of 24
S parameter
(VCE = 3 V, IC = 60 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.553
-117.5
65.48
127.4
0.0146
71.6
0.688
-75.4
200
0.634
-147.0
39.39
107.4
0.0186
44.2
0.515
-110.6
300
0.652
-160.3
27.07
98.2
0.0205
51.7
0.456
-130.5
400
0.663
-167.9
20.37
92.4
0.0244
50.3
0.433
-143.1
500
0.668
-173.1
16.25
88.3
0.0278
53.2
0.421
-152.2
600
0.671
-177.4
13.43
85.2
0.0315
56.2
0.417
-158.8
700
0.674
179.1
11.44
82.5
0.0353
56.7
0.414
-164.1
800
0.678
176.0
9.95
80.3
0.0389
56.9
0.414
-168.4
900
0.679
173.4
8.80
78.2
0.0430
57.6
0.415
-172.3
1000
0.682
170.8
7.89
76.3
0.0469
57.9
0.414
-175.5
1100
0.685
168.5
7.14
74.4
0.0508
57.6
0.415
-178.6
1200
0.688
166.2
6.52
72.7
0.0540
57.6
0.417
178.5
1300
0.688
164.2
6.00
70.9
0.0574
57.4
0.419
176.0
1400
0.692
162.1
5.55
69.3
0.0610
56.8
0.420
173.6
1500
0.694
160.2
5.17
67.6
0.0648
56.3
0.422
171.5
1600
0.697
158.2
4.84
66.0
0.0690
55.8
0.424
169.4
1700
0.699
156.4
4.54
64.5
0.0716
54.9
0.426
167.6
1800
0.702
154.8
4.28
62.8
0.0755
54.7
0.429
165.7
1900
0.704
153.0
4.04
61.2
0.0790
54.1
0.432
163.9
2000
0.707
151.3
3.83
59.7
0.0829
53.0
0.434
162.1
2100
0.710
149.5
3.65
58.1
0.0859
52.2
0.437
160.5
2200
0.714
148.0
3.47
56.6
0.0899
51.3
0.440
158.8
2300
0.718
146.4
3.31
55.2
0.0924
50.3
0.443
157.5
2400
0.718
144.9
3.17
53.5
0.0953
49.9
0.446
156.1
2500
0.721
143.3
3.03
52.1
0.1001
48.8
0.449
154.7
2600
0.725
141.8
2.91
50.6
0.1015
47.8
0.451
153.2
2700
0.730
140.5
2.79
49.2
0.1049
46.9
0.454
151.7
2800
0.732
138.8
2.70
47.6
0.1086
46.2
0.458
150.2
2900
0.734
137.5
2.59
46.3
0.1102
44.9
0.462
148.8
3000
0.737
136.2
2.50
44.8
0.1136
44.3
0.466
147.6
3100
0.741
134.7
2.41
43.4
0.1168
43.4
0.469
146.5
3200
0.743
133.4
2.33
41.9
0.1193
42.5
0.473
145.3
3300
0.746
132.1
2.26
40.5
0.1224
41.3
0.475
144.0
3400
0.749
130.6
2.19
39.0
0.1245
40.7
0.478
142.6
3500
0.752
129.4
2.12
37.7
0.1268
39.6
0.480
141.3
3600
0.752
128.0
2.05
36.2
0.1291
38.9
0.484
139.9
3700
0.754
126.9
1.99
35.1
0.1322
38.2
0.486
138.7
3800
0.754
125.7
1.93
33.8
0.1356
37.6
0.489
137.7
3900
0.758
124.7
1.88
32.5
0.1381
36.7
0.491
136.8
4000
0.761
123.5
1.83
31.2
0.1412
35.6
0.495
135.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com