Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7P1002DL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H7P1002DL
Description  Silicon P Channel MOS FET High Speed Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7P1002DL Datasheet(HTML) 4 Page - Renesas Technology Corp

  H7P1002DL Datasheet HTML 1Page - Renesas Technology Corp H7P1002DL Datasheet HTML 2Page - Renesas Technology Corp H7P1002DL Datasheet HTML 3Page - Renesas Technology Corp H7P1002DL Datasheet HTML 4Page - Renesas Technology Corp H7P1002DL Datasheet HTML 5Page - Renesas Technology Corp H7P1002DL Datasheet HTML 6Page - Renesas Technology Corp H7P1002DL Datasheet HTML 7Page - Renesas Technology Corp H7P1002DL Datasheet HTML 8Page - Renesas Technology Corp H7P1002DL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
H7P1002DL, H7P1002DS
REJ03G1601-0100 Rev.1.00 Nov 16, 2007
Page 4 of 8
0.25
–50
0
50
100
150
Case Temperature
Tc (°C)
0
0.05
0.10
0.15
0.20
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
Pulse Test
ID = –10 A
ID = –15 A
–2 A, –5 A
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
100
30
3
10
0.3
1
0.1
–0.1
–0.3
–1
–3
–30
–10
–100
Tc = –25°C
75°C
VDS = –10 V
Pulse Test
25°C
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
–0.1
–0.3
–1
–3
–10
–30
–100
1000
100
300
30
1
3
10
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
0–5
–15
–10
–20
–25
–30
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
10000
1000
3000
300
30
100
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
0
0
Gate Charge
Qg (nc)
0
–16
–12
–8
–4
–160
–120
–80
–40
Dynamic Input Characteristics
16
32
48
64
80
VDS
VGS
1000
300
100
3
30
10
1
–0.3
–1
–3
–30
–10
–100
–0.1
tf
tr
td(off)
td(on)
Drain Current
ID (A)
Switching Characteristics
VDD = –25 V
–50 V
–100 V
VDD = –100 V
–50 V
–25 V
–10 V
VGS = –4.5 V
–10 A
VGS = –10 V, VDD = –30 V
PW = 5
µs, duty ≤ 1 %
RG = 4.7 Ω
–2 A, –5 A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com