Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7P1002DL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # H7P1002DL
Description  Silicon P Channel MOS FET High Speed Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7P1002DL Datasheet(HTML) 2 Page - Renesas Technology Corp

  H7P1002DL Datasheet HTML 1Page - Renesas Technology Corp H7P1002DL Datasheet HTML 2Page - Renesas Technology Corp H7P1002DL Datasheet HTML 3Page - Renesas Technology Corp H7P1002DL Datasheet HTML 4Page - Renesas Technology Corp H7P1002DL Datasheet HTML 5Page - Renesas Technology Corp H7P1002DL Datasheet HTML 6Page - Renesas Technology Corp H7P1002DL Datasheet HTML 7Page - Renesas Technology Corp H7P1002DL Datasheet HTML 8Page - Renesas Technology Corp H7P1002DL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
H7P1002DL, H7P1002DS
REJ03G1601-0100 Rev.1.00 Nov 16, 2007
Page 2 of 8
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V(BR)DSS
–100
—
—
V
ID = –10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±20
—
—
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
—
—
±10
µA
VGS =
±16 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
–10
µA
VDS = –100 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
–1.0
—
–2.5
V
ID = –1 mA, VDS = –10 V
Note4
—
85
105
m
Ω
ID = –7.5 A, VGS = –10 V
Note4
Static drain to source on state
resistance
RDS(on)
—
105
150
m
Ω
ID = –7.5 A, VGS = –4.5 V
Note4
Forward transfer admittance
|yfs|
7.2
12
—
S
ID = –7.5 A, VDS = –10 V
Note4
Input capacitance
Ciss
—
2600
—
pF
Output capacitance
Coss
—
190
—
pF
Reverse transfer capacitance
Crss
—
120
—
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Total gate charge
Qg
—
45
—
nC
Gate to source charge
Qgs
—
6.5
—
nC
Gate to drain charge
Qgd
—
9.0
—
nC
VDD = –50 V
VGS = –10 V
ID = –15 A
Turn-on delay time
td(on)
—
23
—
ns
Rise time
tr
—
45
—
ns
Turn-off delay time
td(off)
—
80
—
ns
Fall time
tf
—
13
—
ns
VGS = –10 V, ID = –7.5 A
RL = 4.0
Ω
Rg = 4.7
Ω
Body-drain diode forward voltage
VDF
—
–0.91
—
V
IF = –15 A, VGS = 0
Body-drain diode reverse recovery
time
trr
—
50
—
ns
IF = –15 A, VGS = 0
diF/dt = 100 A/
µs
Note:
4. Pulse test



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com