Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7P1002DL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H7P1002DL
Description  Silicon P Channel MOS FET High Speed Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7P1002DL Datasheet(HTML) 3 Page - Renesas Technology Corp

  H7P1002DL Datasheet HTML 1Page - Renesas Technology Corp H7P1002DL Datasheet HTML 2Page - Renesas Technology Corp H7P1002DL Datasheet HTML 3Page - Renesas Technology Corp H7P1002DL Datasheet HTML 4Page - Renesas Technology Corp H7P1002DL Datasheet HTML 5Page - Renesas Technology Corp H7P1002DL Datasheet HTML 6Page - Renesas Technology Corp H7P1002DL Datasheet HTML 7Page - Renesas Technology Corp H7P1002DL Datasheet HTML 8Page - Renesas Technology Corp H7P1002DL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
H7P1002DL, H7P1002DS
REJ03G1601-0100 Rev.1.00 Nov 16, 2007
Page 3 of 8
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–20
0
–5
–10
–15
0
–2
–4–6–8
–10
–20
0
–5
–10
–15
0–1
–2
–3
–4
–5
Tc = 75°C
50
40
0
10
20
30
050
100
25
75
125
150
VDS = –10 V
Pulse Test
–10 V
–5 V
–8 V
–4 V
–3.5 V
–3 V
VGS = –2 V
Pulse Test
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
–10
–0.3
–1
–30
–3
–0.1
–0.03
–0.01
–0.1 –0.3 –1
–3
–30
–10
–300
–100
–1000
–100
Ta = 25°C
PW
=
10
ms
(1
shot)
DC
Operation
(Tc
= 25
°C)
100
µs
Operation in
this area is
limited by RDS (on)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–1.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0–4
–8
–12
–16
–20
Pulse Test
ID = –10 A
–5 A
–2 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
200
100
20
50
10
–2
–20
–50
–1
–10
–5
–100
1000
500
VGS = –4 V
–10 V
Pulse Test
–25°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com