Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7P1002DL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # H7P1002DL
Description  Silicon P Channel MOS FET High Speed Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7P1002DL Datasheet(HTML) 1 Page - Renesas Technology Corp

  H7P1002DL Datasheet HTML 1Page - Renesas Technology Corp H7P1002DL Datasheet HTML 2Page - Renesas Technology Corp H7P1002DL Datasheet HTML 3Page - Renesas Technology Corp H7P1002DL Datasheet HTML 4Page - Renesas Technology Corp H7P1002DL Datasheet HTML 5Page - Renesas Technology Corp H7P1002DL Datasheet HTML 6Page - Renesas Technology Corp H7P1002DL Datasheet HTML 7Page - Renesas Technology Corp H7P1002DL Datasheet HTML 8Page - Renesas Technology Corp H7P1002DL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REJ03G1601-0100 Rev.1.00 Nov 16, 2007
Page 1 of 8
H7P1002DL, H7P1002DS
Silicon P Channel MOS FET
High Speed Power Switching
REJ03G1601-0100
Rev.1.00
Nov 16, 2007
Features
• Low on-resistance
RDS(on) = 85 m
Ω typ.
• Low drive current
• 4.5 V gate drive device can driven from 5 V source
Outline
1. Gate
2. Drain
3. Source
4. Drain
RENESAS Package code: PRSS0004ZD-C
(Package name: DPAK (S) )
1
2
3
4
RENESAS Package code: PRSS0004ZD-B
H7P0601DS
H7P0601DL
(Package name: DPAK (L)-(2) )
1
2
3
4
D
G
S
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Rating
Unit
Drain to source voltage
VDSS
–100
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
–15
A
Drain peak current
ID (pulse)
Note1
–60
A
Body-drain diode reverse drain current
IDR
–15
A
Avalanche current
IAP
Note3
–12
A
Avalanche energy
EAR
Note3
14.4
mJ
Channel dissipation
Pch
Note2
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50 Ω


Similar Part No. - H7P1002DL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7P1002DL RENESAS-H7P1002DL_15 Datasheet
137Kb / 11P
Silicon P Channel MOS FETHigh Speed Power Switching
More results

Similar Description - H7P1002DL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
Silicon P-Channel MOS FET High Speed Power Switching
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
Silicon P Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
H7P0601DL RENESAS-H7P0601DL Datasheet
99Kb / 11P
Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com