Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35060 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35060 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M35060 Datasheet HTML 11Page - Renesas Technology Corp M35060 Datasheet HTML 12Page - Renesas Technology Corp M35060 Datasheet HTML 13Page - Renesas Technology Corp M35060 Datasheet HTML 14Page - Renesas Technology Corp M35060 Datasheet HTML 15Page - Renesas Technology Corp M35060 Datasheet HTML 16Page - Renesas Technology Corp M35060 Datasheet HTML 17Page - Renesas Technology Corp M35060 Datasheet HTML 18Page - Renesas Technology Corp M35060 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
14
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35060-XXXSP
MITSUBISHI MICROCOMPUTERS
Interlace
Noninterlace
Composite video generation is off.
Composite video generation is on.
Display clock is on (oscillating).
Display clock is off (not oscillating).
Sync separation is disabled.
Sync separation is enabled.
Test mode (Must be cleared to 0.)
Must be cleared to 0.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
EX
SELCOR
DSPON
DSPONV
BLK
SEPV0
SEPV1
TEST15
TEST16
PALH
MPAL
PAL/NTSC
INT/NON
LEVEL0
LEVEL1
LEVEL2
TEST24
TEST17
TEST18
TEST19
(9) Address 2B016
Status
DA
Register
Contents
Function
Remarks
External synchronization
Internal synchronization
Set to “0”.
Normal
Mode of expansion
Must be cleared to 0.
Digital output display OFF
Digital output display ON
Composite video output display OFF
Composite video output display ON
Must be cleared to 0.
Matrix outline
Matrix outline + border
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
Test mode (Must be cleared to 0.)
Interlace/noninterlace normal mode
Interlace/noninterlace expansion mode
MPAL
0
1
0
1
Format
NTSC
M-PAL
PAL
unavailable
PAL/NTSC
0
0
1
1
Refer to Table 3, 4, 7 and 8.
Only at register “DSP1XX
= 1 (XX = 00 to 16) is available.
Method of sync separation from composite video.
Only at PAL and MPAL mode are
available.
Refer to Table 5 and 6.
SEPV1
0
0
1
1
SEPV0
0
1
0
1
Composite Sync Spearation Function
Separation is performed during (1) in vertical blanking period
Separation is performed during (2) in vertical blanking period 1
Separation is performed during (3) in vertical blanking period
Unavailable
Case (1) condition: vertical sync must repeat 2X
within (2) or (3); indicates this area.
(Note)
Note: For internal synchronization, shut out (mute) the external video signal input to the CVIN terminal, outside the IC. This avoids external video signal leaks
inside the IC.
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com