| Electronic Components Datasheet Search |
|
M35060 Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35060 Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 42 page ![]() 22 SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS M35060-XXXSP MITSUBISHI MICROCOMPUTERS (3) Compounding character ROM and SYRAM You can compound characters in character ROM with SYRAM. The compounding method is determined by the SYEX color ex- pansion bit and the HIDE register (address 2AA16). For dot lines where SYEX = 0, the SYRAM color is set by the dis- play RAM’s SR, SG, and SB irrespective of the HIDE register’s content. If the HIDE register’s content is 0, the SYRAM color for dot lines where SYEX = 1 is set by the LINER, LINEG, and LINEB regis- ters (address 2AC16). If the HIDE register’s content is 1, the character ROM part of the dot lines where SYEX = 1 is overwritten in HIDE mode with colors set by the LINER, LINEG, and LINEB registers irrespective of the ROM’s content and color. The color of the SYRAM part is set by the display RAM’s SR, SG, and SB as in the case of dot lines where SYEX = 0. Figure 10 shows an example for each instance of compounding. LINER, LINEG, LINEB Fig. 10 Compounding example When HIDE = 1, the character ROM’s contents for dot lines where SYEX = 1 become invisible. SYRAM Contents of register HIDE 0 (normal mode) 1 (HIDE mode) Ex. 1 Ex. 2 SR, SG, SB SYEX 0 0 0 0 0 0 0 0 0 0 0 0 0 SR, SG, SB SYEX 0 0 0 0 0 0 0 0 0 0 0 0 0 SYEX 1 1 1 1 1 0 0 0 0 0 0 0 0 SR, SG, SB LINER, LINEG, LINEB SR, SG, SB SYEX 1 1 1 1 1 0 0 0 0 0 0 0 0 Compounding Character ROM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |