Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35060 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35060 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M35060 Datasheet HTML 24Page - Renesas Technology Corp M35060 Datasheet HTML 25Page - Renesas Technology Corp M35060 Datasheet HTML 26Page - Renesas Technology Corp M35060 Datasheet HTML 27Page - Renesas Technology Corp M35060 Datasheet HTML 28Page - Renesas Technology Corp M35060 Datasheet HTML 29Page - Renesas Technology Corp M35060 Datasheet HTML 30Page - Renesas Technology Corp M35060 Datasheet HTML 31Page - Renesas Technology Corp M35060 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
27
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35060-XXXSP
MITSUBISHI MICROCOMPUTERS
TIMING REQUIREMENTS (Ta = – 20°C to + 70°C, VDD = 5.00 ± 0.25V unless otherwise noted)
tW (SCK)
tsu (CS)
th (CS)
tsu (AD)
th (AD)
th (SCK)
Symbol
SCK width
CS setup time
CS hold time
AD setup time
AD hold time
1 word hold time
Paramenter
Limits
Min.
200
200
2
200
200
2
Typ.
Max.
ns
ns
ms
ns
ns
ms
Unit
Fig. 14 Serial input timing requirements
DATA INPUT
SCK
CS
CS
SCK
2
µs
(min.)
tw(CS)
tw(SCK)
tsu(AD)
th(AD)
tsu(CS)
th(CS)
tw(SCK)
12
3
1
2
3
12
3
th(SCK)
AD0 to 7
more than
2
µs
th(SCK)
more than
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com