Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35060 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35060 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M35060 Datasheet HTML 12Page - Renesas Technology Corp M35060 Datasheet HTML 13Page - Renesas Technology Corp M35060 Datasheet HTML 14Page - Renesas Technology Corp M35060 Datasheet HTML 15Page - Renesas Technology Corp M35060 Datasheet HTML 16Page - Renesas Technology Corp M35060 Datasheet HTML 17Page - Renesas Technology Corp M35060 Datasheet HTML 18Page - Renesas Technology Corp M35060 Datasheet HTML 19Page - Renesas Technology Corp M35060 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
15
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35060-XXXSP
MITSUBISHI MICROCOMPUTERS
PHASE2
/
LINEB
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
PHASE1
/
LINEG
PHASE0
/
LINER
NTSC
7 /16
27 /16
/16
17 /16
11 /16
23 /16
PAL
± 7 /16
5 /16
± /16
15 /16
± 11 /16
9 /16
Phase (rad)
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Color
PHASE2
/
LINEB
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
PHASE1
/
LINEG
PHASE0
/
LINER
NTSC
7 /16
27 /16
/16
/16
23 /16
PAL
± 7 /16
5 /16
± /16
± /16
9 /16
Phase (rad)
Black
Red-2
Green-2
Yellow
Gray
Yellow-2
Cyan
White
Color
Table 3 Color and phase of NTSC, PAL (SELCOR = 0)
Table 4 Color and phase of NTSC, PAL (SELCOR = 1)
Table 5 Setting condition at LEVEL 0, 1 and 2
At display clock operates
0
1
1
L
At display clock stops
1
0
0
H
LEVEL1
DSPON
DSPONV
CS pin
Table 6 Setting condition at LEVEL 0, 1 and 2 (at operation)
Operation state
1
0
1
Stop state
0
1
0
LEVEL0
LEVEL1
LEVEL2
Sync
Pedestal
Color Burst
Black
Red
Green
Yellow
Blue
Mazenta
Cyan
White
Color name
NTSC
0
7 /16
± 2 /16
27 /16
± 2 /16
/16
± 2 /16
17 /16
± 2 /16
11 /16
± 2 /16
23 /16
± 2 /16
PAL
±4 /16
± 7 /16 ± 2 /16
5 /16
± 2 /16
± /16 ± 2 /16
15 /16
± 2 /16
± 11 /16 ± 2 /16
9 /16
± 2 /16
Phase (rad)
Luminance level (V)
Chroma amplitude (vs. color burst)
Min.
1.3
1.9
1.9
2.1
2.3
2.7
3.1
2.0
2.5
2.9
3.1
Typ.
1.5
2.1
2.1
2.3
2.5
2.9
3.3
2.2
2.7
3.1
3.3
Max.
1.7
2.3
2.3
2.5
2.7
3.1
3.5
2.4
2.9
3.3
3.5
Min.
1.5
1.4
1.0
1.0
1.4
1.5
Typ.
1.0
3.0
2.8
2.0
2.0
2.8
3.0
Max.
4.5
4.2
3.0
3.0
4.2
4.5
Table 7 Video signal level (SELCOR = 0)
No character display at display clock
REGISTER CONSTRUCTION COMPOSITION
Fig. 2 Switching port output with R, G and B output
R (G, B, YM, BLNK, CSYN)
PTD
Polarity
PTD
PTC
Select
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com