Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2K Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 413Page - Renesas Technology Corp R8C2K Datasheet HTML 414Page - Renesas Technology Corp R8C2K Datasheet HTML 415Page - Renesas Technology Corp R8C2K Datasheet HTML 416Page - Renesas Technology Corp R8C2K Datasheet HTML 417Page - Renesas Technology Corp R8C2K Datasheet HTML 418Page - Renesas Technology Corp R8C2K Datasheet HTML 419Page - Renesas Technology Corp R8C2K Datasheet HTML 420Page - Renesas Technology Corp R8C2K Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 471 page
background image
R8C/2K Group, R8C/2L Group
21. Reducing Power Consumption
Rev.1.10
Dec 21, 2007
Page 400 of 450
REJ09B0406-0110
21.2.9
Stopping Flash Memory
In low-speed on-chip oscillator mode, power consumption can be further reduced by stopping the flash memory
using the FMSTP bit in the FMR0 register.
Access to the flash memory is disabled by setting the FMSTP bit to 1 (flash memory stops). The FMSTP bit
must be written to by a program transferred to RAM.
When the MUC enters stop mode or wait mode while CPU rewrite mode is disabled, the power for the flash
memory is automatically turned off. It is turned back on again after the MCU exit stop mode or wait mode. This
eliminates the need to set the FMR0 register.
Figure 21.2 shows the Handling Procedure Example of Low Power Consumption Using FMSTP Bit.
Figure 21.2
Handling Procedure Example of Low Power Consumption Using FMSTP Bit
FMSTP bit setting program
Transfer FMSTP bit setting program to RAM
Jump to FMSTP bit setting program
(The subsequent processing is executed by
the program in the RAM)
After writing 0 to FMR01 bit, write 1 (CPU
rewrite mode enabled)
Enter low-speed on-chip oscillator mode
Process in low-speed on-chip oscillator mode
Write 0 to FMR01 bit (CPU rewrite mode
disabled)
Jump to specified address in flash memory
NOTES:
1. After setting the FMR01 bit to 1 (CPU rewrite mode enabled),
set the FMSTP bit to 1 (flash memory stops).
2. Before switching the CPU clock source, make sure the designated
clock is stable.
3. Insert a 30
µs wait time by a program.
Do not access to the flash memory during this wait time.
Write 1 to FMSTP bit (flash memory stops. low
power consumption state)(1)
Wait until flash memory circuit stabilizes
(30
µs)(3)
Write 0 to FMSTP bit (flash memory operates)
Switch clock source for CPU clock(2)
FMR01, FMSTP: Bits in FMR0 register
Stop high-speed on-chip oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com