Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2K Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 414Page - Renesas Technology Corp R8C2K Datasheet HTML 415Page - Renesas Technology Corp R8C2K Datasheet HTML 416Page - Renesas Technology Corp R8C2K Datasheet HTML 417Page - Renesas Technology Corp R8C2K Datasheet HTML 418Page - Renesas Technology Corp R8C2K Datasheet HTML 419Page - Renesas Technology Corp R8C2K Datasheet HTML 420Page - Renesas Technology Corp R8C2K Datasheet HTML 421Page - Renesas Technology Corp R8C2K Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 471 page
background image
R8C/2K Group, R8C/2L Group
21. Reducing Power Consumption
Rev.1.10
Dec 21, 2007
Page 401 of 450
REJ09B0406-0110
21.2.10 Low-Current-Consumption Read Mode
In low-speed on-chip oscillator mode, the current consumption when reading the flash memory can be reduced
by setting the FMR47 bit in the FMR4 register to 1 (enabled).
Figure 21.3 shows the Handling Procedure Example of Low-Current-Consumption Read Mode.
Figure 21.3
Handling Procedure Example of Low-Current-Consumption Read Mode
NOTES:
1. To set the FMR47 bit to 1, first write 0 and then write 1 immediately.
After writing 0, do not generate an interrupt before writing 1.
2. In low-current-consumption read mode, set the FMR01 bit in the FMR0 register to 0 (CPU rewrite mode disabled).
Handling procedure of
low-current-consumption read mode
enabled by FMR47 bit
low-speed on-chip oscillator mode
Stop high-speed on-chip oscillator clock
FMR47
← 1 (low-current-consumption read
mode enabled)(1)
Enter low-current-consumption read mode(2)
FMR47
← 0 (low-current-consumption read
mode disabled)
Start high-speed on-chip oscillator clock
(Wait until high-speed on-chip oscillator clock
oscillation stabilizes)
Enter high-speed on-chip oscillator mode
Step (1)
Step (2)
Step (3)
Step (4)
Step (5)
Step (6)
Step (7)
Step (8)
FMR47: Bit in FMR4 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com