Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7261 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 45Page - Renesas Technology Corp SH7261 Datasheet HTML 46Page - Renesas Technology Corp SH7261 Datasheet HTML 47Page - Renesas Technology Corp SH7261 Datasheet HTML 48Page - Renesas Technology Corp SH7261 Datasheet HTML 49Page - Renesas Technology Corp SH7261 Datasheet HTML 50Page - Renesas Technology Corp SH7261 Datasheet HTML 51Page - Renesas Technology Corp SH7261 Datasheet HTML 52Page - Renesas Technology Corp SH7261 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1348 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 17 of 1312
REJ09B0320-0200
Classification
Symbol
I/O
Name
Function
Interrupts
NMI
I
Non-maskable
interrupt
Non-maskable interrupt request pin.
Fix it high when not in use.
IRQ7 to IRQ0
I
Interrupt requests
7 to 0
Maskable interrupt request pins.
Level-input or edge-input detection
can be selected. When the edge-
input detection is selected, the rising
edge, falling edge, or both edges can
also be selected.
PINT7 to PINT0 I
Interrupt requests
7 to 0
Maskable interrupt request pins.
Only level-input detection can be
selected.
Address bus
A27 to A0
O
Address bus
Addresses are output on these pins.
Data bus
D31 to D0
I/O
Data bus
Bidirectional data bus
Bus control
CS6 to CS0
O
Chip select 6 to 0 Chip-select signals for external
memory or devices
RD
O
Read
Indicates that data is read from an
external device.
WAIT
I
Wait
Input pin for inserting a wait cycle
into the bus cycles during access to
the external space
WR0
O
Byte select
Indicates a write access to bits 7 to 0
of data of external memory or
device. (For an access in units of 8,
16, or 32 bits)
WR1
O
Byte select
Indicates a write access to bits 15 to
8 of data of external memory or
device. (For an access in units of 16
or 32 bits)
WR2
O
Byte select
Indicates a write access to bits 23 to
16 of data of external memory or
device. (For an access in units of 32
bits)
WR3
O
Byte select
Indicates a write access to bits 31 to
24 of data of external memory or
device. (For an access in units of 32
bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com