Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7261 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 145Page - Renesas Technology Corp SH7261 Datasheet HTML 146Page - Renesas Technology Corp SH7261 Datasheet HTML 147Page - Renesas Technology Corp SH7261 Datasheet HTML 148Page - Renesas Technology Corp SH7261 Datasheet HTML 149Page - Renesas Technology Corp SH7261 Datasheet HTML 150Page - Renesas Technology Corp SH7261 Datasheet HTML 151Page - Renesas Technology Corp SH7261 Datasheet HTML 152Page - Renesas Technology Corp SH7261 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 1348 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 117 of 1312
REJ09B0320-0200
5.10
Usage Notes
5.10.1
Value of Stack Pointer (SP)
The value of the stack pointer must always be a multiple of four. If it is not, an address error will
occur when the stack is accessed during exception handling.
5.10.2
Value of Vector Base Register (VBR)
The value of the vector base register must always be a multiple of four. If it is not, an address error
will occur when the stack is accessed during exception handling.
5.10.3
Address Errors Caused by Stacking of Address Error Exception Handling
When the stack pointer is not a multiple of four, an address error will occur during stacking of the
exception handling (interrupts, etc.) and address error exception handling will start up as soon as
the first exception handling is ended. Address errors will then also occur in the stacking for this
address error exception handling. To ensure that address error exception handling does not go into
an endless loop, no address errors are accepted at that point. This allows program control to be
shifted to the address error exception service routine and enables error processing.
When an address error occurs during exception handling stacking, the stacking bus cycle (write) is
executed. During the stacking of the status register (SR) and program counter (PC), the SP is
decremented by 4 for both, so the value of SP will not be a multiple of four after the stacking
either. The address value output during stacking is the SP value, so the address where the error
occurred is itself output. This means the write data stacked will be undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com