Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7261 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 183Page - Renesas Technology Corp SH7261 Datasheet HTML 184Page - Renesas Technology Corp SH7261 Datasheet HTML 185Page - Renesas Technology Corp SH7261 Datasheet HTML 186Page - Renesas Technology Corp SH7261 Datasheet HTML 187Page - Renesas Technology Corp SH7261 Datasheet HTML 188Page - Renesas Technology Corp SH7261 Datasheet HTML 189Page - Renesas Technology Corp SH7261 Datasheet HTML 190Page - Renesas Technology Corp SH7261 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 1348 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 155 of 1312
REJ09B0320-0200
F
2 Icyc + 3 Bcyc + 1 Pcyc
3 Icyc
m1
m2
m3
3 Icyc + m1 + m2
IRQ
Instruction (instruction replacing
interrupt exception handling)
m1:
m2:
m3:
F:
D:
E:
M:
First instruction in
interrupt service routine
Interrupt acceptance
DE
E
M
M
M
FD
E
[Legend]
Vector address read
Saving of SR (stack)
Saving of PC (stack)
Instruction fetch. Instruction is fetched from memory in which program is stored.
Instruction decoding. Fetched instruction is decoded.
Instruction execution. Data operation or address calculation is performed in accordance with the result of decoding.
Memory access. Memory data access is performed.
Figure 6.4 Example of Pipeline Operation when IRQ Interrupt is Accepted
(No Register Banking)
F
2 Icyc + 3 Bcyc + 1 Pcyc
1 Icyc + m1 + 2(m2) + m3
m1
m2
m3
3 Icyc + m1
IRQ
DE
E
M
M
M
DE
E
M
M
M
F
D
F
D
m1
m2
[Legend]
m1:
m2:
m3:
Vector address read
Saving of SR (stack)
Saving of PC (stack)
Interrupt acceptance
Multiple interrupt acceptance
First instruction in
interrupt service routine
First instruction in
multiple interrupt service routine
Figure 6.5 Example of Pipeline Operation for Multiple Interrupts
(No Register Banking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com