Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7261 Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 274Page - Renesas Technology Corp SH7261 Datasheet HTML 275Page - Renesas Technology Corp SH7261 Datasheet HTML 276Page - Renesas Technology Corp SH7261 Datasheet HTML 277Page - Renesas Technology Corp SH7261 Datasheet HTML 278Page - Renesas Technology Corp SH7261 Datasheet HTML 279Page - Renesas Technology Corp SH7261 Datasheet HTML 280Page - Renesas Technology Corp SH7261 Datasheet HTML 281Page - Renesas Technology Corp SH7261 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 246 of 1312
REJ09B0320-0200
CKIO
Ts
A0
A1
D0
D1
Tw1 Tw2
Tpw1
Tend
Twn
Tdw1 Tdwn
Tend
Tpwn
Tdw1 Tdwn
Tn1
Tnm
A27 to A0
CSn
RD
WR
D31 to D0
Bus access (first time)
Bus access (second
and subsequent times)
CS delay cycle
during write
(end only)
Write cycle wait
Write data output
delay cycle
Page write
cycle wait
CS assert wait
WR assert wait
Write data
output wait
Write data
output wait
Write data output
delay cycle
Write data output
delay cycle
WR assert wait
CS delay cycle
during write
Figure 9.5 Basic Bus Timing (Page Write Operation)
1. Ts (Internal Bus Access Start)
This is a bus access request cycle initiated by the internal bus master and with the external bus
as the target.
CSn is always high during this cycle. In the next cycle A27 to A0 and the write
data change.
2. Tw1 to Twn (Read Cycle Wait, Write Cycle Wait)
For the first page access, the wait operation from internal bus access start to the wait end cycle
is the same as in normal access.
3. Tend (First Wait End Cycle)
This is the final cycle in the first series of read cycle wait or write cycle wait cycles. In write
access, the second and subsequent page accesses start from the next cycle, unless a write data
output delay cycle has been specified (with a value other than 0). The
RD or WR signal is
negated (high level) in the next cycle if the RD assert wait or WD assert wait setting is other
than 0. If the RD assert wait or WD assert wait setting is 0, the
RD or WR signal continues to
be asserted (low level). The
CSn signal is not negated and continues to be asserted (low level).
In page read access, the succeeding bus access starts without waiting for the read data sample
cycle (Trd).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com