Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417606 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HD6417606
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7606 Series
PDF  532 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417606 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HD6417606 Datasheet HTML 25Page - Renesas Technology Corp HD6417606 Datasheet HTML 26Page - Renesas Technology Corp HD6417606 Datasheet HTML 27Page - Renesas Technology Corp HD6417606 Datasheet HTML 28Page - Renesas Technology Corp HD6417606 Datasheet HTML 29Page - Renesas Technology Corp HD6417606 Datasheet HTML 30Page - Renesas Technology Corp HD6417606 Datasheet HTML 31Page - Renesas Technology Corp HD6417606 Datasheet HTML 32Page - Renesas Technology Corp HD6417606 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 532 page
background image
Section 1 Overview
Rev. 4.00 Sep. 13, 2007 Page 3 of 502
REJ09B0239-0400
Interrupt controller (INTC):
• Supports nine external interrupt pins (NMI, IRQ7 to IRQ0)
• On-chip peripheral interrupt: Priority level is independently selected for each module
• Vector address: Specified vector address for each interrupt source
User debugging interface (H-UDI):
• Supports the JTAG interface emulator
• JTAG standard pins arranged
Clock pulse generator (CPG):
• Clock mode: Clock source selectable between an external supply and crystal resonator
• Three types of clocks generated:
 CPU clock: 100 MHz (max.)
 Bus clock: 50 MHz (max.)
 Peripheral clock: 50 MHz (max.)
• Supports power-down modes:
 Sleep mode
 Software standby mode
• Selection of four types of clock modes (PLL2 ×2/×4 and clock/crystal resonator are selectable)
Host interface (HIF):
• 1 kbyte × 2 banks: in total 2-kbyte buffer RAM
• The buffer RAM and the external device are connected in parallel via 16 data pins
• The buffer RAM and the CPU of this LSI are connected in parallel via internal bus
• The external device can access the desired register after the register index has been specified.
(However, when the buffer RAM is accessed successively, the address is updated
automatically.)
• Selection of endian mode
• Interrupt requested to the external device
• Internal interrupt requested to the CPU of this LSI
• Booting from the buffer RAM is enabled if the external device has stored the instruction code
in the buffer RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com