Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 380 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 380 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 376Page - Renesas Technology Corp HD6417618 Datasheet HTML 377Page - Renesas Technology Corp HD6417618 Datasheet HTML 378Page - Renesas Technology Corp HD6417618 Datasheet HTML 379Page - Renesas Technology Corp HD6417618 Datasheet HTML 380Page - Renesas Technology Corp HD6417618 Datasheet HTML 381Page - Renesas Technology Corp HD6417618 Datasheet HTML 382Page - Renesas Technology Corp HD6417618 Datasheet HTML 383Page - Renesas Technology Corp HD6417618 Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 348 of 610
REJ09B0131-0600
P
φ (MHz)
7.3728
8
9.8304
Bit Rate (bits/s) n
N
Error (
%) n
N
Error (
%) n
N
Error (
%)
110
2
130
–0.07
2
141
0.03
2
174
–0.26
150
2
95
0.00
2
103
0.16
2
127
0.00
300
1
191
0.00
1
207
0.16
1
255
0.00
600
1
95
0.00
1
103
0.16
1
127
0.00
1200
0
191
0.00
0
207
0.16
0
255
0.00
2400
0
95
0.00
0
103
0.16
0
127
0.00
4800
0
47
0.00
0
51
0.16
0
63
0.00
9600
0
23
0.00
0
25
0.16
0
31
0.00
19200
0
11
0.00
0
12
0.16
0
15
0.00
31250
0
6
5.33
0
7
0.00
0
9
–1.70
38400
0
5
0.00
0
6
–6.99
0
7
0.00
P
φ (MHz)
10
12
12.288
14.7456
Bit Rate
(bits/s)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
110
2
177
–0.25
2
212
0.03
2
217
0.08
3
64
0.70
150
2
129
0.16
2
155
0.16
2
159
0.00
2
191
0.00
300
2
64
0.16
2
77
0.16
2
79
0.00
2
95
0.00
600
1
129
0.16
1
155
0.16
1
159
0.00
1
191
0.00
1200
1
64
0.16
1
77
0.16
1
79
0.00
1
95
0.00
2400
0
129
0.16
0
155
0.16
0
159
0.00
0
191
0.00
4800
0
64
0.16
0
77
0.16
0
79
0.00
0
95
0.00
9600
0
32
–1.36
0
38
0.16
0
39
0.00
0
47
0.00
19200
0
15
1.73
0
19
0.16
0
19
0.00
0
23
0.00
31250
0
9
0.00
0
11
0.00
0
11
2.40
0
14
–1.70
38400
0
7
1.73
0
9
–2.34
0
9
0.00
0
11
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com