Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 77Page - Renesas Technology Corp HD6417618 Datasheet HTML 78Page - Renesas Technology Corp HD6417618 Datasheet HTML 79Page - Renesas Technology Corp HD6417618 Datasheet HTML 80Page - Renesas Technology Corp HD6417618 Datasheet HTML 81Page - Renesas Technology Corp HD6417618 Datasheet HTML 82Page - Renesas Technology Corp HD6417618 Datasheet HTML 83Page - Renesas Technology Corp HD6417618 Datasheet HTML 84Page - Renesas Technology Corp HD6417618 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 646 page
background image
Section 3 Cache
CACH000C_000020030900
Rev. 6.00 Jun. 12, 2007 Page 49 of 610
REJ09B0131-0600
Section 3 Cache
3.1
Features
• Capacity: 4 kbytes (SH7618), 16 kbytes (SH7618A)
• Structure: Instructions/data unified, 4-way set associative
• Line size: 16 bytes
• Number of entries: 64 entries/way (SH7618), 256 entries/way (SH7618A)
• Write method: Write-back/write-through is selectable
• Replacement method: Least-recently-used (LRU) algorithm
3.1.1
Cache Structure
The cache holds both instructions and data and employs a 4-way set associative system. It is
composed of four ways (banks), and each of which is divided into an address section and a data
section. Each of the address and data sections is divided into 64 entries (256 entries for the
SH7618A). The data of an entry is called a line. Each line consists of 16 bytes (4 bytes
× 4). The
data capacity per way is 1 kbyte (16 bytes
× 64 entries) (4 kbytes (16 bytes × 256 entries) for the
SH7618A), with a total of 4 kbytes (16 kbytes for the SH7618A) in the cache (4 ways).
Figure 3.1 shows the cache structure.
24 (1 + 1 + 22) bits
128 (32
× 4) bits
6 bits
LW0 to LW3: Longword data 0 to 3
Entry 0
Entry 1
Entry 63
(Entry 255)*
0
1
63
(255)*
0
1
63
(255)*
V U Tag address
LW0
LW1
LW2
LW3
Address array (ways 0 to 3)
Data array (ways 0 to 3)
LRU
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
Note: * For the SH7618A.
Figure 3.1 Cache Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com