Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 13Page - Renesas Technology Corp HD6417618 Datasheet HTML 14Page - Renesas Technology Corp HD6417618 Datasheet HTML 15Page - Renesas Technology Corp HD6417618 Datasheet HTML 16Page - Renesas Technology Corp HD6417618 Datasheet HTML 17Page - Renesas Technology Corp HD6417618 Datasheet HTML 18Page - Renesas Technology Corp HD6417618 Datasheet HTML 19Page - Renesas Technology Corp HD6417618 Datasheet HTML 20Page - Renesas Technology Corp HD6417618 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 646 page
background image
Rev. 6.00 Jun. 12, 2007 Page xvii of xxxii
14.4
Operation ........................................................................................................................... 362
14.4.1 Overview............................................................................................................... 362
14.4.2 Operation in Asynchronous Mode ........................................................................ 364
14.4.3 Synchronous Mode ............................................................................................... 375
14.5
SCIF Interrupts .................................................................................................................. 383
14.6
Serial Port Register (SCSPTR) and SCIF Pins .................................................................. 384
14.7
Usage Notes ....................................................................................................................... 388
Section 15 Host Interface (HIF)...........................................................................391
15.1
Features.............................................................................................................................. 391
15.2
Input/Output Pins ...............................................................................................................393
15.3
Parallel Access ................................................................................................................... 394
15.3.1 Operation .............................................................................................................. 394
15.3.2 Connection Method............................................................................................... 394
15.4
Register Descriptions ......................................................................................................... 395
15.4.1 HIF Index Register (HIFIDX) .............................................................................. 395
15.4.2 HIF General Status Register (HIFGSR)................................................................ 398
15.4.3 HIF Status/Control Register (HIFSCR) ................................................................ 398
15.4.4 HIF Memory Control Register (HIFMCR) ........................................................... 401
15.4.5 HIF Internal Interrupt Control Register (HIFIICR) .............................................. 403
15.4.6 HIF External Interrupt Control Register (HIFEICR) ............................................ 403
15.4.7 HIF Address Register (HIFADR) ......................................................................... 404
15.4.8 HIF Data Register (HIFDATA) ............................................................................ 405
15.4.9 HIF Boot Control Register (HIFBCR).................................................................. 405
15.4.10 HIFDREQ Trigger Register (HIFDTR) ................................................................ 406
15.4.11 HIF Bank Interrupt Control Register (HIFBICR) ................................................. 407
15.5
Memory Map ..................................................................................................................... 409
15.6
Interface (Basic)................................................................................................................. 410
15.7
Interface (Details) .............................................................................................................. 411
15.7.1 HIFIDX Write/HIFGSR Read .............................................................................. 411
15.7.2 Reading/Writing of HIF Registers other than HIFIDX and HIFGSR................... 411
15.7.3 Consecutive Data Writing to HIFRAM by External Device................................. 412
15.7.4 Consecutive Data Reading from HIFRAM to External Device ............................ 412
15.8
External DMAC Interface.................................................................................................. 413
15.9
Interface When External Device Power is Cut Off ............................................................ 419
Section 16 Pin Function Controller (PFC)...........................................................423
16.1
Register Descriptions ......................................................................................................... 432
16.1.1 Port A IO Register H (PAIORH) .......................................................................... 433
16.1.2 Port A Control Register H1 and H2 (PACRH1 and PACRH2) ............................ 433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com