| Electronic Components Datasheet Search |
|
HD6417618 Datasheet(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 43 Page - Renesas Technology Corp |
|
43 / 646 page ![]() Section 1 Overview Rev. 6.00 Jun. 12, 2007 Page 11 of 610 REJ09B0131-0600 Classifi- cation Abbr. I/O Pin Name Description Ethernet controller MDC Output Management Clock Timing reference input for transfer information on the MDIO pin MDIO Input/ output Management Data I/O Bidirectional pin for management information transfer WOL Output MAGIC Packet Receive Indicates that a Magic Packet TM* has received. LNKSTA Input Link Status Input pin for a link state from a PHY LSI. EXOUT Output General output Output pin to external devices TXD2 to TXD0 Output Transmit Data Transmit data pins RXD2 to RXD0 Input Receive Data Receive data pins Serial communic ations interface with FIFO SCK2 to SCK0 Input/ output Serial clock Clock input pins RTS1 and RTS0 Output Transmit Request Modem control pin. Supported only by SCIF0 and SCIF1. CTS1 and CTS0 Input Transmit Enable Modem control pin. Supported only by SCIF0 and SCIF1. Host interface HIFD15 to HIFD0 Input/ output HIF Data Bus Address, data, and command input/output pins for the HIF. HIFCS Input HIF Chip Select Chip select input for the HIF HIFRS Input HIF Register Select Controls the access type switching for the HIF. HIFWR Input HIF Write Write strobe signal HIFRD Input HIF Read Read strobe signal HIFINT Output HIF Interrupt Interrupt request to external devices by the HIF HIFMD Input HIF Mode Specifies HIF boot mode. HIFDREQ Output HIF DMAC Transfer Request Requests DMAC transfer for the HIFRAM to external devices. HIFRDY Output HIF Boot Ready Indicates that a reset of the HIF has been cleared in this LSI and the HIF is ready for accesses to it. HIFEBL Input HIF Pin Enable HIF pins other than this pin are enabled by driving this pin high. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |