Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 85Page - Renesas Technology Corp HD6417618 Datasheet HTML 86Page - Renesas Technology Corp HD6417618 Datasheet HTML 87Page - Renesas Technology Corp HD6417618 Datasheet HTML 88Page - Renesas Technology Corp HD6417618 Datasheet HTML 89Page - Renesas Technology Corp HD6417618 Datasheet HTML 90Page - Renesas Technology Corp HD6417618 Datasheet HTML 91Page - Renesas Technology Corp HD6417618 Datasheet HTML 92Page - Renesas Technology Corp HD6417618 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 646 page
background image
Section 3 Cache
Rev. 6.00 Jun. 12, 2007 Page 57 of 610
REJ09B0131-0600
3.3.4
Write-Back Buffer
When the U bit of the entry to be replaced in write-back mode is 1, the entry must be written back
to the external memory. To increase performance, the entry to be replaced is first transferred to the
write-back buffer and fetching of new entries to the cache takes priority over writing back to the
external memory. After the fetching of new entries to the cache completes, the write-back buffer
writes the entry back to the external memory. During the write-back cycles, the cache can be
accessed. The write-back buffer can hold one line of cache data (16 bytes) and its physical
address. Figure 3.3 shows the configuration of the write-back buffer.
Longword 0 Longword 1 Longword 2 Longword 3
PA (31 to 4)
PA (31 to 4):
Longword 0 to 3:
Physical address to be written to external memory
One line of cache data to be written to external memory
Figure 3.3 Write-Back Buffer Configuration
3.3.5
Coherency of Cache and External Memory
Coherency between the cache and the external memory must be ensured by software. When
memory shared by this LSI and another device is allocated to a cacheable address space, invalidate
and write back the cache by accessing the memory-mapped cache, as required. Memory that is
shared by the CPU and E-DMAC of this LSI should also be handled in this way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com