Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 381Page - Renesas Technology Corp HD6417618 Datasheet HTML 382Page - Renesas Technology Corp HD6417618 Datasheet HTML 383Page - Renesas Technology Corp HD6417618 Datasheet HTML 384Page - Renesas Technology Corp HD6417618 Datasheet HTML 385Page - Renesas Technology Corp HD6417618 Datasheet HTML 386Page - Renesas Technology Corp HD6417618 Datasheet HTML 387Page - Renesas Technology Corp HD6417618 Datasheet HTML 388Page - Renesas Technology Corp HD6417618 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 353 of 610
REJ09B0131-0600
14.3.9
FIFO Control Register (SCFCR)
SCFCR is a 16-bit register that resets the number of data in the transmit and receive FIFO
registers, sets the trigger data number, and contains an enable bit for loop-back testing. SCFCR
can always be read and written to by the CPU. It is initialized to H'0000 by a power-on reset.
Bit
Bit Name
Initial
value
R/W
Description
15 to 11
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
10
9
8
RSTRG2
RSTRG1
RSTRG0
0
0
0
R/W
R/W
R/W
RTS Output Active Trigger
When the number of receive data in the receive FIFO
register (SCFRDR) becomes more than the number
shown below, the
RTS signal is set to high.
These bits are available only in SCFCR_0 and
SCFCR_1. In SCFCR_2, these bits are reserved. The
initial value is 0 and the write value should always be 0.
000: 15
001: 1
010: 4
011: 6
100: 8
101: 10
110: 12
111: 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com