Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 404Page - Renesas Technology Corp HD6417618 Datasheet HTML 405Page - Renesas Technology Corp HD6417618 Datasheet HTML 406Page - Renesas Technology Corp HD6417618 Datasheet HTML 407Page - Renesas Technology Corp HD6417618 Datasheet HTML 408Page - Renesas Technology Corp HD6417618 Datasheet HTML 409Page - Renesas Technology Corp HD6417618 Datasheet HTML 410Page - Renesas Technology Corp HD6417618 Datasheet HTML 411Page - Renesas Technology Corp HD6417618 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 376 of 610
REJ09B0131-0600
Communication Format: The data length is fixed at eight bits. No parity bit can be added.
Clock: An internal clock generated by the on-chip baud rate generator or an external clock input
from the SCK pin can be selected as the SCIF transmit/receive clock.
When the SCIF operates on an internal clock, it outputs the clock signal at the SCK pin. Eight
clock pulses are output per transmitted or received character. When the SCIF is not transmitting or
receiving, the clock signal remains in the high state. When only receiving, the clock signal outputs
while the RE bit of SCSCR is 1 and the number of data in receive FIFO is less than the receive
FIFO data trigger number. In this case, 8
× (16 + 1) = 136 pulses of synchronous clock are output.
To perform reception of n characters of data, select an external clock as the clock source. If an
internal clock should be used, set RE = 1 and TE = 1 and receive n characters of data
simultaneously with the transmission of n characters of dummy data.
Transmitting and Receiving Data SCIF Initialization (Synchronous Mode): Before
transmitting, receiving, or changing the mode or communication format, the software must clear
the TE and RE bits to 0 in the serial control register (SCSCR), then initialize the SCIF. Clearing
TE to 0 initializes the transmit shift register (SCTSR). Clearing RE to 0, however, does not
initialize the RDF, PER, FER, and ORER flags and receive data register (SCRDR), which retain
their previous contents.
Figure 14.12 shows a sample flowchart for initializing the SCIF. The procedure for initializing the
SCIF is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com