Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 413 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 409Page - Renesas Technology Corp HD6417618 Datasheet HTML 410Page - Renesas Technology Corp HD6417618 Datasheet HTML 411Page - Renesas Technology Corp HD6417618 Datasheet HTML 412Page - Renesas Technology Corp HD6417618 Datasheet HTML 413Page - Renesas Technology Corp HD6417618 Datasheet HTML 414Page - Renesas Technology Corp HD6417618 Datasheet HTML 415Page - Renesas Technology Corp HD6417618 Datasheet HTML 416Page - Renesas Technology Corp HD6417618 Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 381 of 610
REJ09B0131-0600
In receiving, the SCIF operates as follows:
1. The SCIF synchronizes with serial clock input or output and initializes internally.
2. Receive data is shifted into SCRSR in order from the LSB to the MSB. After receiving the
data, the SCIF checks the receive data can be loaded from SCRSR into SCFRDR or not. If this
check is passed, the SCIF stores the received data in SCFRDR. If the check is not passed
(overrun error is detected), further reception is prevented.
3. After setting RDF to 1, if the receive-data-full interrupt enable bit (RIE) is set to 1 in SCSCR,
the SCIF requests a receive-data-full interrupt (RXI). If the ORER bit is set to 1 and the RIE
bit or REIE bit in SCSCR is also set to 1, the SCIF requests a break interrupt (BRI).
Figure 14.17 shows an example of SCIF receive operation.
Synchronization
clock
Serial data
RDF
ORER
Data read from
SCFRDR and
RDF flag cleared
to 0 by RXI
interrupt handler
One frame
Bit 7
LSB
RXI
interrupt
request
MSB
Bit 0
Bit 6
Bit 7
Bit 7
Bit 0
Bit 1
BRI interrupt request
by overrun error
RXI
interrupt
request
Figure 14.17 Example of SCIF Receive Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com