Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 422Page - Renesas Technology Corp HD6417618 Datasheet HTML 423Page - Renesas Technology Corp HD6417618 Datasheet HTML 424Page - Renesas Technology Corp HD6417618 Datasheet HTML 425Page - Renesas Technology Corp HD6417618 Datasheet HTML 426Page - Renesas Technology Corp HD6417618 Datasheet HTML 427Page - Renesas Technology Corp HD6417618 Datasheet HTML 428Page - Renesas Technology Corp HD6417618 Datasheet HTML 429Page - Renesas Technology Corp HD6417618 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 394 of 610
REJ09B0131-0600
15.3
Parallel Access
15.3.1
Operation
The HIF can be accessed by combining the
HIFCS, HIFRS, HIFWR, and HIFRD pins. Table 15.2
shows the correspondence between combinations of these signals and HIF operations.
Table 15.2
HIF Operations
HIFCS
HIFRS
HIFWR
HIFRD
Operation
1
×
×
×
No operation (NOP)
0
0
1
0
Read from register specified by HIFIDX[7:0]
0
0
0
1
Write to register specified by HIFIDX[7:0]
0
1
1
0
Read from status register (HIFGSR[7:0])
0
1
0
1
Write to index register (HIFIDX[7:0])
0
×
1
1
No operation (NOP)
0
×
0
0
Setting prohibited
[Legend]
×: Don't care
15.3.2
Connection Method
When connecting the HIF to an external device, a method like that shown in figure 15.2 should be
used.
External device
CS
A02
WR
RD
D15 to D00
HIF
HIFCS
HIFRS
HIFWR
HIFRD
HIFD15 to HIFD00
Figure 15.2 HIF Connection Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com