Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 427Page - Renesas Technology Corp HD6417618 Datasheet HTML 428Page - Renesas Technology Corp HD6417618 Datasheet HTML 429Page - Renesas Technology Corp HD6417618 Datasheet HTML 430Page - Renesas Technology Corp HD6417618 Datasheet HTML 431Page - Renesas Technology Corp HD6417618 Datasheet HTML 432Page - Renesas Technology Corp HD6417618 Datasheet HTML 433Page - Renesas Technology Corp HD6417618 Datasheet HTML 434Page - Renesas Technology Corp HD6417618 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 399 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
11
10
DMD
DPOL
0
0
R/W
R/W
DREQ Mode
DREQ Polarity
Controls the assert mode for the HIFDREQ pin. For
details on the negate timing, see section 15.8, External
DMAC Interface.
00: For a DMAC transfer request to an external device,
low level is generated at the HIFDREQ pin. The
default for the HIFDREQ pin is high-level output.
01: For a DMAC transfer request to an external device,
high level is generated at the HIFDREQ pin. The
default for the HIFDREQ pin is low-level output.
10: For a DMAC transfer request to an external device,
falling edge is generated at the HIFDREQ pin. The
default for the HIFDREQ pin is high-level output.
11: For a DMAC transfer request to an external device,
rising edge is generated at the HIFDREQ pin. The
default for the HIFDREQ pin is low-level output.
9
8
BMD
BSEL
0
0
R/W
R/W
HIFRAM Bank Mode
HIFRAM Bank Select
Controls the HIFRAM access mode.
00: Both an external device and the on-chip CPU can
access bank 0. When access by both of these
conflict, even though the access addresses differ,
access by the external device is processed before
access by the on-chip CPU. Bank 1 cannot be
accessed.
01: Both an external device and the on-chip CPU can
access bank 1. When access by both of these
conflict, even though the access addresses differ,
access by the external device is processed before
access by the on-chip CPU. Bank 0 cannot be
accessed.
10: An external device can access only bank 0 while
the on-chip CPU can access only bank 1.
11: An external device can access only bank 1 while
the on-chip CPU can access only bank 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com