| Electronic Components Datasheet Search |
|
HD6417618 Datasheet(PDF) 436 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 436 Page - Renesas Technology Corp |
|
436 / 646 page ![]() Section 15 Host Interface (HIF) Rev. 6.00 Jun. 12, 2007 Page 404 of 610 REJ09B0131-0600 Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 EIC6 EIC5 EIC4 EIC3 EIC2 EIC1 EIC0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W External Interrupt Source These bits specify the source for interrupts generated by the EIR bit. These bits can be written to from both an external device and the on-chip CPU. By using these bits, fast execution of interrupt exception handling is possible. These bits are completely under software control, and their values have no effect on the operation of this LSI. 0 EIR 0 R/W External Interrupt Request While this bit is 1, the HIFINT pin is asserted to issue an interrupt request to an external device from this LSI. 15.4.7 HIF Address Register (HIFADR) HIFADR is a 32-bit register which indicates the address in HIFRAM to be accessed by an external device. When using the LOCK bit setting in HIFMCR to specify consecutive access of HIFRAM, auto-increment (+4) or auto-decrement (-4) of the address, according to the AI/AD bit setting in HIFMCR, is performed automatically, and HIFADR is updated. HIFADR can be only read by the on-chip CPU. Access to HIFADR by an external device should be performed with HIFADR specified by bits REG5 to REG0 in HIFIDX and the HIFRS pin low. Bit Bit Name Initial Value R/W Description 31 to 10 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. 9 to 2 A9 to A2 All 0 R/W* HIFRAM Address Specification These bits specify the address of HIFRAM to be accessed by an external device, with 32-bit boundary. 1, 0 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. Note: * This bit can be only written to by an external device when the HIFRS pin is low. It cannot be written to by the on-chip CPU. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |