Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 437Page - Renesas Technology Corp HD6417618 Datasheet HTML 438Page - Renesas Technology Corp HD6417618 Datasheet HTML 439Page - Renesas Technology Corp HD6417618 Datasheet HTML 440Page - Renesas Technology Corp HD6417618 Datasheet HTML 441Page - Renesas Technology Corp HD6417618 Datasheet HTML 442Page - Renesas Technology Corp HD6417618 Datasheet HTML 443Page - Renesas Technology Corp HD6417618 Datasheet HTML 444Page - Renesas Technology Corp HD6417618 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 409 of 610
REJ09B0131-0600
15.5
Memory Map
Table 15.3 shows the memory map of HIFRAM.
Table 15.3
Memory Map
Classification
Start Address
End Address
Memory Size
Map from external device*
1
H'0000
H'03FF
1 kbyte
Map from on-chip CPU*
1 *2
H'F84E0000
H'F84E03FF
1 kbyte
Notes: 1. Map for a single HIFRAM bank. Which bank is to be accessed by an external device or
the on-chip CPU depends on the BMD and BSEL bits in HIFSCR. The mapping
addresses are common between the banks.
2. Note that in HIF boot mode, bank 0 is selected, and the first 1 kbyte in each of the
following address ranges are also mapped: H'00000000 to H'01FFFFFF (first-half 32
Mbytes of area 0 in the P0 area), H'20000000 to H'21FFFFFF (first-half 32 Mbytes of
area 0 in the P0 area), H'40000000 to H'41FFFFFF (first-half 32 Mbytes of area 0 in the
P0 area), H'60000000 to H'61FFFFFF (first-half 32 Mbytes of area 0 in the P0 area),
H'80000000 to H'81FFFFFF (first-half 32 Mbytes of area 0 in the P1 area), H'A0000000
to H'A1FFFFFF (first-half 32 Mbytes of area 0 in the P2 area), and H'C0000000 to
H'C1FFFFFF (first-half 32 Mbytes of area 0 in the P3 area).
If an external device modifies HIFRAM when HIFRAM is accessed from the P0, P1, or
P3 area with the cache enabled, coherency may not be ensured. When the cache is
enabled, accessing HIFRAM from the P2 area is recommended.
In HIF boot mode, among the first-half 32 Mbytes of each area 0, access to the areas to
which HIFRAM is not mapped is inhibited.
Even in HIF boot mode, the second-half 32 Mbytes of area 0, area 3, area 4, area 5B,
area 5, area 6B, and area 6 are mapped to the external memory as normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com