Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 453Page - Renesas Technology Corp HD6417618 Datasheet HTML 454Page - Renesas Technology Corp HD6417618 Datasheet HTML 455Page - Renesas Technology Corp HD6417618 Datasheet HTML 456Page - Renesas Technology Corp HD6417618 Datasheet HTML 457Page - Renesas Technology Corp HD6417618 Datasheet HTML 458Page - Renesas Technology Corp HD6417618 Datasheet HTML 459Page - Renesas Technology Corp HD6417618 Datasheet HTML 460Page - Renesas Technology Corp HD6417618 Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 646 page
background image
Section 16 Pin Function Controller (PFC)
Rev. 6.00 Jun. 12, 2007 Page 425 of 610
REJ09B0131-0600
Table 16.3
List of Multiplexed Pins (Port C)
Port
Function 1
(Related Module)
Function 2
(Related Module)
Function 3
(Related Module)
Function 4
(Related Module)
C
PC00 input/output (port)
MII_RXD0 input (EtherC)
PC01 input/output (port)
MII_RXD1 input (EtherC)
PC02 input/output (port)
MII_RXD2 input (EtherC)
PC03 input/output (port)
MII_RXD3 input (EtherC)
PC04 input/output (port)
MII_TXD0 output (EtherC)
PC05 input/output (port)
MII_TXD1 output (EtherC)
PC06 input/output (port)
MII_TXD2 output (EtherC)
PC07 input/output (port)
MII_TXD3 output (EtherC)
PC08 input/output (port)
RX_DV input (EtherC)
PC09 input/output (port)
RX_ER input (EtherC)
PC10 input/output (port)
RX_CLK input (EtherC)
PC11 input/output (port)
TX_ER output (EtherC)
PC12 input/output (port)
TX_EN output (EtherC)
PC13 input/output (port)
TX_CLK input (EtherC)
PC14 input/output (port)
COL input (EtherC)
PC15 input/output (port)
CRS input (EtherC)
PC16 input/output (port)
MDIO input/output (EtherC)
PC17 input/output (port)
MDC output (EtherC)
PC18 input/output (port)
LNKSTA input (EtherC)
PC19 input/output (port)
EXOUT output (EtherC)
PC20 input/output (port)
WOL output (EtherC)
Table 16.4
List of Multiplexed Pins (Port D)
Port
Function 1
(Related Module)
Function 2
(Related Module)
Function 3
(Related Module)
Function 4
(Related Module)
D
PD0 input/output (port)
IRQ0 input (INTC)
PD1 input/output (port)
IRQ1 input (INTC)
PD2 input/output (port)
IRQ2 input (INTC)
TxD1 output (SCIF)
PD3 input/output (port)
IRQ3 input (INTC)
RxD1 input (SCIF)
PD4 input/output (port)
IRQ4 input (INTC)
SCK1 input/output (SCIF)
PD5 input/output (port)
IRQ5 input (INTC)
TxD2 output (SCIF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com