Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 476Page - Renesas Technology Corp HD6417618 Datasheet HTML 477Page - Renesas Technology Corp HD6417618 Datasheet HTML 478Page - Renesas Technology Corp HD6417618 Datasheet HTML 479Page - Renesas Technology Corp HD6417618 Datasheet HTML 480Page - Renesas Technology Corp HD6417618 Datasheet HTML 481Page - Renesas Technology Corp HD6417618 Datasheet HTML 482Page - Renesas Technology Corp HD6417618 Datasheet HTML 483Page - Renesas Technology Corp HD6417618 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 646 page
background image
Section 16 Pin Function Controller (PFC)
Rev. 6.00 Jun. 12, 2007 Page 448 of 610
REJ09B0131-0600
16.1.9
Port E IO Register H and L (PEIORH and PEIORL)
PEIORH and PEIORL are 16-bit readable/writable registers that select the input/output directions
of the port E pins. Bits PE24IOR to PE0IOR correspond to pins PE24 to PE00 (the pin name
abbreviations for multiplexed functions are omitted). PEIORH is enabled when a port E pin
functions as a general input/output (PE24 to PE16), otherwise, disabled. PEIORL is enabled when
a port E pin functions as a general input/output (PE15 to PE00), otherwise, disabled.
Setting a bit in PEIORH and PEIORL to 1 makes the corresponding pin function as an output and
clearing a bit in PEIORH and PEIORL to 0 makes the pin function as an input.
Bits 15 to 9 in PAIORH are reserved. These bits are always read as 0. The write value should
always be 0.
The initial values of PEIORH and PEIORL are H'0000.
16.1.10
Port E Control Register H1, H2, L1, and L2 (PECRH1, PECRH2, PECRL1, and
PECRL2)
PECRH1, PECRH2, PECRL1, and PECRL2 are 16-bit readable/writable registers that select the
pin functions for the multiplexed port E pins.
• PECRH1
Bit
Bit Name
Initial Value
R/W
Description
15 to 2
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1
0
PE24MD1
PE24MD0
0
0
(non-HIF
boot mode)
0
1
(HIF boot
mode)
R/W
R/W
PE24 Mode
Selects the function of pin PE24/HIFD15/CTS1.
00: PE24 input/output (port)
01: HIFD15 input/output (HIF)
10: CTS1 input (SCIF)
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com