Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 485 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 481Page - Renesas Technology Corp HD6417618 Datasheet HTML 482Page - Renesas Technology Corp HD6417618 Datasheet HTML 483Page - Renesas Technology Corp HD6417618 Datasheet HTML 484Page - Renesas Technology Corp HD6417618 Datasheet HTML 485Page - Renesas Technology Corp HD6417618 Datasheet HTML 486Page - Renesas Technology Corp HD6417618 Datasheet HTML 487Page - Renesas Technology Corp HD6417618 Datasheet HTML 488Page - Renesas Technology Corp HD6417618 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 646 page
background image
Section 16 Pin Function Controller (PFC)
Rev. 6.00 Jun. 12, 2007 Page 453 of 610
REJ09B0131-0600
Bit
Bit Name
Initial Value
R/W
Description
1
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
0
PE8MD0
0
(non-HIF boot
mode)
1
(HIF boot
mode)
R/W
PE8 Mode
Selects the function of pin PE08/
HIFCS.
0: PE08 input/output (port)
1:
HIFCS input (HIF)
• PECRL2
Bit
Bit Name
Initial Value
R/W
Description
15
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
14
PE7MD0
0
(non-HIF boot
mode)
1
(HIF boot
mode)
R/W
PE7 Mode
Selects the function of pin PE07/HIFRS.
0: PE07 input/output (port)
1: HIFRS input (HIF)
13
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
12
PE6MD0
0
(non-HIF boot
mode)
1
(HIF boot
mode)
R/W
PE6 Mode
Selects the function of pin PE06/
HIFWR.
0: PE06 input/output (port)
1:
HIFWR input (HIF)
11
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com