Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 583 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 583 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 579Page - Renesas Technology Corp HD6417618 Datasheet HTML 580Page - Renesas Technology Corp HD6417618 Datasheet HTML 581Page - Renesas Technology Corp HD6417618 Datasheet HTML 582Page - Renesas Technology Corp HD6417618 Datasheet HTML 583Page - Renesas Technology Corp HD6417618 Datasheet HTML 584Page - Renesas Technology Corp HD6417618 Datasheet HTML 585Page - Renesas Technology Corp HD6417618 Datasheet HTML 586Page - Renesas Technology Corp HD6417618 Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 551 of 610
REJ09B0131-0600
21.4.3
Bus Timing
Table 21.9
Bus Timing
Conditions: Clock mode = 1/2/5/6, V
CCQ = 3.0 V to 3.6 V, VCC = 1.4 V to 1.6 V,
T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol Min.
Max.
Unit
Reference Figures
Address delay time 1
t
AD1
1
15
ns
Figures 21.10 to 21.36
Address setup time
t
AS
3
ns
Figures 21.10 to 21.13
Address hold time
t
AH
3
ns
Figures 21.10 to 21.13
BS delay time
t
BSD
0
14
ns
Figures 21.10 to 21.29
and 21.33 to 21.36
CS delay time 1
t
CSD1
1
14
ns
Figures 21.10 to 21.36
Read write delay time
t
RWD
1
14
ns
Figures 21.10 to 21.36
Write strobe delay time
t
RWD2
14
ns
Figure 21.15
Read strobe time
t
RSD
1/2
× t
bcyc
1/2
× t
bcyc + 13
ns
Figures 21.10 to 21.15,
21.33, and 21.34
Read data setup time 1
t
RDS1
1/2
× t
bcyc + 10
ns
Figures 21.10 to 21.15
and 21.33 to 21.36
Read data setup time 2
t
RDS2
12
ns
Figures 21.16 to 21.19
and 21.24 to 21.26
Read data hold time 1
t
RDH1
0
ns
Figures 21.10 to 21.15
and 21.33 to 21.36
Read data hold time 2
t
RDH2
2
ns
Figures 21.16 to 21.19
and 21.24 to 21.26
Write enable delay time 1 t
WED1
1/2
× t
bcyc
1/2
× t
bcyc + 13
ns
Figures 21.10 to 21.14,
21.33, and 21.34
Write enable delay time 2 t
WED2
13
ns
Figure 21.15
Write data delay time 1
t
WDD1
18
ns
Figures 21.10 to 21.15
and 21.33 to 21.36
Write data delay time 2
t
WDD2
17
ns
Figures 21.20 to 21.23
and 21.27 to 21.29
Write data hold time 1
t
WDH1
2
ns
Figures 21.10 to 21.15
and 21.33 to 21.36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com