Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 614 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 614 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 610Page - Renesas Technology Corp HD6417618 Datasheet HTML 611Page - Renesas Technology Corp HD6417618 Datasheet HTML 612Page - Renesas Technology Corp HD6417618 Datasheet HTML 613Page - Renesas Technology Corp HD6417618 Datasheet HTML 614Page - Renesas Technology Corp HD6417618 Datasheet HTML 615Page - Renesas Technology Corp HD6417618 Datasheet HTML 616Page - Renesas Technology Corp HD6417618 Datasheet HTML 617Page - Renesas Technology Corp HD6417618 Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 582 of 610
REJ09B0131-0600
21.4.9
HIF Timing
Table 21.12 HIF Timing
Conditions: V
CCQ = 3.0 V to 3.6 V, VCC = 1.4 V to 1.6 V,
T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol Min.
Max.
Unit
Reference Figures
Read bus cycle time
t
HIFCYCR
4
t
pcyc
Figure 21.40
Write bus cycle time
t
HIFCYCW
4
t
pcyc
Address setup time (HIFSCR.DMD = 0)
t
HIFAS
10
ns
Address setup time (HIFSCR.DMD = 1)
t
HIFAS
0
ns
Address hold time (HIFSCR.DMD = 0)
t
HIFAH
10
ns
Address hold time (HIFSCR.DMD = 1)
t
HIFAH
0
ns
Read low width (read)
t
HIFWRL
2.5
t
pcyc
Write low width (write)
t
HIFWWL
2.5
t
pcyc
Read/write high width
t
HIFWRWH
2.0
t
pcyc
Read data delay time
t
HIFRDD
2
× t
pcyc + 16
ns
Read data hold time
t
HIFRDH
0
ns
Write data setup time
t
HIFWDS
t
pcyc + 10
ns
Write data hold time
t
HIFWDH
10
ns
HIFINT output delay time
t
HIFITD
20
ns
Figure 21.41
HIFRDY output delay time
t
HIFRYD
10
t
pcyc
Figure 21.42
HIFDREQ output delay time
t
HIFDQD
20
ns
Figure 21.41
HIF pin enable delay time
t
HIFEBD
20
ns
Figure 21.42
HIF pin disable delay time
t
HIFDBD
20
ns
Notes: 1. t
pcyc indicates the period of the peripheral module clock (Pφ).
2. t
HIFAS is given from the start of the time over which both the HIFCS and HIFRD (or
HIFWR) signals are low levels.
3. t
HIFAH is given from the end of the time over which both the HIFCS and HIFRD (or
HIFWR) signals are low levels.
4. t
HIFWRL is given as the time over which both the HIFCS and HIFRD signals are low levels.
5. t
HIFWWL is given as the time over which both the HIFCS and HIFWR signals are low levels.
6. When reading the register specified by bits REG5 to REG0 after writing to the HIF index
register (HIFIDX), t
HIFWRWH (min.) = 2 × tpcyc + 5 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com