Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 123Page - Renesas Technology Corp HD6417618 Datasheet HTML 124Page - Renesas Technology Corp HD6417618 Datasheet HTML 125Page - Renesas Technology Corp HD6417618 Datasheet HTML 126Page - Renesas Technology Corp HD6417618 Datasheet HTML 127Page - Renesas Technology Corp HD6417618 Datasheet HTML 128Page - Renesas Technology Corp HD6417618 Datasheet HTML 129Page - Renesas Technology Corp HD6417618 Datasheet HTML 130Page - Renesas Technology Corp HD6417618 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 646 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 6.00 Jun. 12, 2007 Page 95 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
3
2
1
0
IPR3
IPR2
IPR1
IPR0
0
0
0
0
R/W
R/W
R/W
R/W
Set priority levels for the corresponding interrupt
source.
0000: Priority level 0 (lowest)
0001: Priority level 1
0010: Priority level 2
0011: Priority level 3
0100: Priority level 4
0101: Priority level 5
0110: Priority level 6
0111: Priority level 7
1000: Priority level 8
1001: Priority level 9
1010: Priority level 10
1011: Priority level 11
1100: Priority level 12
1101: Priority level 13
1110: Priority level 14
1111: Priority level 15 (highest)
Note:
Name in the tables above is represented by a general name. Name in the list of register is,
on the other hand, represented by a module name.
6.4
Interrupt Sources
6.4.1
External Interrupts
There are five types of interrupt sources: User break, NMI, H-UDI, IRQ, and on-chip peripheral
modules. Individual interrupts are given priority levels (0 to 16, with 0 the lowest and 15 the
highest). Giving an interrupt a priority level of 0 masks it.
NMI Interrupt: The NMI interrupt is given a priority level of 16 and is always accepted. An NMI
interrupt is detected at the edge of the pins. Use the NMI edge select bit (NMIE) in interrupt
control register 0 (ICR0) to select either the rising or falling edge. In the NMI interrupt exception
handler, the interrupt mask level bits (I3 to I0) in the status register (SR) are set to level 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com