Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 137Page - Renesas Technology Corp HD6417618 Datasheet HTML 138Page - Renesas Technology Corp HD6417618 Datasheet HTML 139Page - Renesas Technology Corp HD6417618 Datasheet HTML 140Page - Renesas Technology Corp HD6417618 Datasheet HTML 141Page - Renesas Technology Corp HD6417618 Datasheet HTML 142Page - Renesas Technology Corp HD6417618 Datasheet HTML 143Page - Renesas Technology Corp HD6417618 Datasheet HTML 144Page - Renesas Technology Corp HD6417618 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 109 of 610
REJ09B0131-0600
Abbreviation
I/O
Function
IOIS16
Input
PCMCIA 16-bit I/O Signal
Enabled only in little endian mode.
Drive this signal low in big endian mode.
DQMLU,
DQMLL
Output
Connected to the DQMxx pin when SDRAM is in use.
DQMLU: Select signal for D15 to D8
DQMLL: Select signal for D7 to D0
WAIT
Input
External wait input
MD5, MD3
Input
MD5: Selects data alignment (big endian or little endian)
MD3: Specifies area 0 bus width (8/16 bits)
Note:
*
As pins A25 to A16 act as general I/O ports immediately after a power-on reset, pull up
or pull down these pins outside the LSI as needed.
7.3
Area Overview
7.3.1
Area Division
The architecture of this LSI has 32-bit address space. The upper three address bits divide the space
into areas P0 to P4, and the cache access methods can be specified for each area. For details, see
section 3, Cache. Each area indicated by the remaining 29 bits is divided into ten areas (five areas
are reserved) when address map 1 is selected or eight areas (three areas are reserved) when address
map 2 is selected. The address map is selected by the MAP bit in CMNCR. The BSC controls the
areas indicated by the 29 bits.
As listed in tables 7.2 and 7.3, memory can be connected directly to five physical areas of this LSI,
and the chip select signals (
CS0, CS3, CS4, CS5B, and CS6B) are output for each area. CS0 is
asserted during area 0 access.
7.3.2
Shadow Area
Areas 0, 3, 4, 5B, and 6B are divided by decoding physical address bits A28 to A25, which
correspond to areas 000 to 111. Address bits 31 to 29 are ignored. This means that the range of
area 0 addresses, for example, is H'00000000 to H'03FFFFFF, and its corresponding shadow space
is the address space in P1 to P3 areas obtained by adding to it H'20000000
× n (n = 1 to 6).
The address range for area 7 is H'1C000000 to H'1FFFFFFF. The address space H'1C000000 +
H'20000000
× n to H'1FFFFFFF + H'20000000 × n (n = 0 to 6) corresponding to the area 7
shadow spaces are reserved, so do not use it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com