Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 187Page - Renesas Technology Corp HD6417618 Datasheet HTML 188Page - Renesas Technology Corp HD6417618 Datasheet HTML 189Page - Renesas Technology Corp HD6417618 Datasheet HTML 190Page - Renesas Technology Corp HD6417618 Datasheet HTML 191Page - Renesas Technology Corp HD6417618 Datasheet HTML 192Page - Renesas Technology Corp HD6417618 Datasheet HTML 193Page - Renesas Technology Corp HD6417618 Datasheet HTML 194Page - Renesas Technology Corp HD6417618 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 159 of 610
REJ09B0131-0600
Table 7.14
Relationship between Register Settings and Address Multiplex Output (5)
Conditions: One 256-Mbit product (4 Mwords x 16 bits x 4 banks, 9-bit column product) is
connected with A3BSZ[1:0] = 10 (16-bit data bus width), A3ROW[1:0] = 10 (13-bit
row address), and A3COL[1:0] = 01 (9-bit column address).
Pins of this LSI
Output Row
Address
Output Column
Address
Pins of SDRAM Function
A17
A26
A17
Unused
A16
A25
A16
A15
A24*
2
A24*
2
A14 (BA1)
Specifies bank
A14
A23*
2
A23*
2
A13 (BA0)
A13
A22
A13
A12
Address
A12
A21
A12
A11
A11
A20
L/H*
1
A10/AP
Specifies
address/precharge
A10
A19
A10
A9
Address
A9
A18
A9
A8
A8
A17
A8
A7
A7
A16
A7
A6
A6
A15
A6
A5
A5
A14
A5
A4
A4
A13
A4
A3
A3
A12
A3
A2
A2
A11
A2
A1
A1
A10
A1
A0
A0
A9
A0
Unused
Notes: 1. L/H is a bit used in the command specification; it is fixed low or high according to the
access mode.
2. Bank address specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com