Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 211Page - Renesas Technology Corp HD6417618 Datasheet HTML 212Page - Renesas Technology Corp HD6417618 Datasheet HTML 213Page - Renesas Technology Corp HD6417618 Datasheet HTML 214Page - Renesas Technology Corp HD6417618 Datasheet HTML 215Page - Renesas Technology Corp HD6417618 Datasheet HTML 216Page - Renesas Technology Corp HD6417618 Datasheet HTML 217Page - Renesas Technology Corp HD6417618 Datasheet HTML 218Page - Renesas Technology Corp HD6417618 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 183 of 610
REJ09B0131-0600
This LSI
A16
A1
CSn
RD
RD/
WR
D15
D0
WE1(BE1)
WE0(BE0)
A16
A1
CS
OE
WE
I/O 15
I/O 0
UB
LB
64 kwords x 16 bits
SRAM
Figure 7.29 Example of Connection with 16-Bit Data-Width Byte-Selection SRAM
7.5.7
PCMCIA Interface
With this LSI, if address map 2 is selected using the MAP bit in CMNCR, the PCMCIA interface
can be specified in areas 5 and 6. Areas 5 and 6 in the physical space can be used for the IC
memory card and I/O card interface defined in the JEIDA specifications version 4.2 (PCMCIA2.1
Rev. 2.1) by specifying bits TYPE3 to TYPE0 in CSnBCR (n = 5B and 6B) to B'0101. In addition,
bits SA1 and SA0 in CSnWCR (n = 5B and 6B) assign the upper or lower 32 Mbytes of each area
to an IC memory card or I/O card interface. For example, if bits SA1 and SA0 in CS5BWCR are
set to 1 and cleared to 0, respectively, the upper 32 Mbytes and the lower 32 Mbytes of area 5B
are used as an IC memory card interface and I/O card interface, respectively.
When the PCMCIA interface is used, the bus size must be specified as 8 bits or 16 bits using bits
BSZ1 and BSZ0 in CS5BBCR or CS6BBCR.
Figure 7.30 shows an example of a connection between this LSI and the PCMCIA card. To enable
insertion and removal of the PCMCIA card with the system power turned on, tri-state buffers must
be connected between the LSI and the PCMCIA card.
In the JEIDA and PCMCIA standards, operation in big endian mode is not clearly defined.
Consequently, the provided PCMCIA interface in big endian mode is available only for this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com