Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 228Page - Renesas Technology Corp HD6417618 Datasheet HTML 229Page - Renesas Technology Corp HD6417618 Datasheet HTML 230Page - Renesas Technology Corp HD6417618 Datasheet HTML 231Page - Renesas Technology Corp HD6417618 Datasheet HTML 232Page - Renesas Technology Corp HD6417618 Datasheet HTML 233Page - Renesas Technology Corp HD6417618 Datasheet HTML 234Page - Renesas Technology Corp HD6417618 Datasheet HTML 235Page - Renesas Technology Corp HD6417618 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 646 page
background image
Section 8 Clock Pulse Generator (CPG)
Rev. 6.00 Jun. 12, 2007 Page 200 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
PFC2
PFC1
PFC0
0
1
1
R/W
R/W
R/W
Peripheral Clock Frequency Division Ratio
Specify the division ratio of the peripheral clock
frequency with respect to the output frequency of PLL
circuit 1.
000:
×1
001:
×1/2
011:
×1/4
Other values: Setting prohibited
8.4.2
PHY-LSI Clock Frequency Control Register (MCLKCR)
MCLKCR is an 8-bit readable/writable register. This register must be written to in words. The
upper byte of the word data must be H'5A and the lower byte is the write data.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
FLSCS1
FLSCS0
0
1
R/W
R/W
Source Clock Select
Select the source clock.
00: PLL1 output clock
01: PLL1 output clock
10: Setting prohibited
11: Setting prohibited
5 to 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
1
0
FLDIVS2
FLDIVS1
FLDIVS0
0
1
1
R/W
R/W
R/W
Divider Select
Set the division ratio of PLL1 output.
000:
×1
001:
×1/2
011:
×1/4
Other values: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com