Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 273Page - Renesas Technology Corp HD6417618 Datasheet HTML 274Page - Renesas Technology Corp HD6417618 Datasheet HTML 275Page - Renesas Technology Corp HD6417618 Datasheet HTML 276Page - Renesas Technology Corp HD6417618 Datasheet HTML 277Page - Renesas Technology Corp HD6417618 Datasheet HTML 278Page - Renesas Technology Corp HD6417618 Datasheet HTML 279Page - Renesas Technology Corp HD6417618 Datasheet HTML 280Page - Renesas Technology Corp HD6417618 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 245 of 610
REJ09B0131-0600
11.3.19
IPG Register (IPGR)
IPGR sets the IPG (Inter Packet Gap). This register must not be changed while the transmitting
and receiving functions of the EtherC mode register (ECMR) are enabled. (For details, refer to
section 11.4.6, Operation by IPG Setting.)
Bit
Bit Name
Initial
Value
R/W
Description
31 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4 to 0
IPG4 to IPG0
H'13
R/W
Inter Packet Gap
Sets the IPG value every 4-bit time.
H'00: 20-bit time
H'01: 24-bit time
:
:
H'13: 96-bit time (Initial value)
:
:
H'1F: 144-bit time
11.3.20
Automatic PAUSE Frame Set Register (APR)
APR sets the TIME parameter value of the automatic PAUSE frame. When transmitting the
automatic PAUSE frame, the value set in this register is used as the TIME parameter of the
PAUSE frame.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
15 to 0
AP15 to AP0
All 0
R/W
Automatic PAUSE
Sets the TIME parameter value of the automatic
PAUSE frame. At this time, 1 bit means 512-bit time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com