Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 302Page - Renesas Technology Corp HD6417618 Datasheet HTML 303Page - Renesas Technology Corp HD6417618 Datasheet HTML 304Page - Renesas Technology Corp HD6417618 Datasheet HTML 305Page - Renesas Technology Corp HD6417618 Datasheet HTML 306Page - Renesas Technology Corp HD6417618 Datasheet HTML 307Page - Renesas Technology Corp HD6417618 Datasheet HTML 308Page - Renesas Technology Corp HD6417618 Datasheet HTML 309Page - Renesas Technology Corp HD6417618 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 274 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
7
RMAFCE
0
R/W
RMAF Bit Copy Directive
0: Indicates the RMAF bit state in bit RFS7 of the
receive descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFS7 of the receive descriptor
6, 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
RRFCE
0
R/W
RRF Bit Copy Directive
0: Indicates the RRF bit state in bit RFS4 of the
receive descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFS4 of the receive descriptor
3
RTLFCE
0
R/W
RTLF Bit Copy Directive
0: Indicates the RTLF bit state in bit RFS3 of the
receive descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFS3 of the receive descriptor
2
RTSFCE
0
R/W
RTSF Bit Copy Directive
0: Indicates the RTSF bit state in bit RFS2 of the
receive descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFS2 of the receive descriptor
1
PRECE
0
R/W
PRE Bit Copy Directive
0: Indicates the PRF bit state in bit RFS1 of the receive
descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFS1 of the receive descriptor
0
CERFCE
0
R/W
CERF Bit Copy Directive
0: Indicates the CERF bit state in bit RFS0 of the
receive descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFS0 of the receive descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com