| Electronic Components Datasheet Search |
|
HD6417618 Datasheet(PDF) 314 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 314 Page - Renesas Technology Corp |
|
314 / 646 page ![]() Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC) Rev. 6.00 Jun. 12, 2007 Page 282 of 610 REJ09B0131-0600 Bit Bit Name Initial value R/W Description 18 17 16 RFF2 RFF1 RFF0 1 1 1 R/W R/W R/W Receive Frame Number Flow Control Threshold 000: When one receive frame has been stored in the receive FIFO 001: When two receive frames have been stored in the receive FIFO : : 110: When seven receive frames have been stored in the receive FIFO 111: When eight receive frames have been stored in the receive FIFO 15 to 3 All 0 Reserved These bits are always read as 0. The write value should always be 0. 2 1 0 RFD2 RFD1 RFD0 0 0 0 R R R Receive Byte Flow Control Threshold 000: When (256 − 64) bytes of data is stored in the receive FIFO 001: When (512 − 64) bytes of data is stored in the receive FIFO (Setting prohibited in SH7618, setting enabled in SH7618A) Other than above: Setting prohibited 12.2.19 Transmit Interrupt Register (TRIMD) TRIMD is a 32-bit readable/writable register that specifies whether or not to notify write-back completion for each frame using the TWB bit in EESR and an interrupt on transmit operations. Bit Bit Name Initial value R/W Description 31 to 1 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 0 TIS 0 R/W Transmit Interrupt Setting 0: Write-back completion for each frame is not notified 1: Write-backed completion for each frame using the TWB bit in EESR is notified |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |